Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRSB1300W0R1KN Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # DRSB1300W0R1KN
Description  DRS Power Adjustable Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRSB1300W0R1KN Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  DRSB1300W0R1KN Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRSB1300W0R1KN Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRSB1300W0R1KN Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRSB1300W0R1KN Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRSB1300W0R1KN Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
03 of 05
(DRS-B) 15W ~ 20000W Dimensions
H
q
Q
L2
L3
M
R
d
N
L1
Wattage
Rating
Dimensions (mm)
Resistance
Range
R
L1
L2
L3
H
N
d
M
q
Q
15W
15
45
65
85
40
6
3.5
3.5
4.5
15
1~1KΩ
20W
15
50
70
90
40
6
3.5
3.5
4.5
15
1~1KΩ
25W
20
50
80
100
50
6
3.5
5
5
20
2~1KΩ
30W
20
70
100
120
50
6
3.5
5
5
20
2~1KΩ
40W
20
87
115
137
50
6
3.5
5
5
20
2~1KΩ
50W
28
90
115
143
68
9
4.5
5.5
6
27
5~1KΩ
80W
28
90
115
143
68
9
4.5
5.5
6
27
5~2KΩ
100W
28
170
195
223
68
9
4.5
5.5
6
27
10~3KΩ
150W
28
215
240
268
68
9
4.5
5.5
6
27
10~3KΩ
200W
28
267
292
320
68
9
4.5
5.5
6
27
10~5KΩ
250W
28
267
292
320
68
9
4.5
5.5
6
27
10~5KΩ
300W
40
267
300
343
90
10
4.5
6
6
39
20~5KΩ
400W
40
330
365
406
90
10
4.5
6
6
39
20~5KΩ
500W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
600W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
700W
50
400
435
485
95
10
6
8.5
8
49
20~5KΩ
800W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1000W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1500W
70
415
435
477
138
15
8
-
8
69
40~500Ω
2000W
70
510
530
572
138
15
8
-
8
69
40~500Ω
2500W
70
600
620
662
138
15
8
-
8
69
40~500Ω
3000W
70
600
620
662
138
15
8
-
8
69
40~500Ω
4000W
100
430
450
521
185
15
8
-
8
99
40~500Ω
5000W
100
500
620
691
185
15
8
-
8
99
40~500Ω
6000W
100
600
720
791
185
15
8
-
8
99
40~500Ω
10000W
150
600
625
720
350
30
8
-
10
150
40~500Ω
12000W
150
660
685
780
350
30
8
-
10
150
40~500Ω
15000W
150
660
685
780
350
30
8
-
10
150
40~500Ω
20000W
150
1000
1030
1120
350
30
8
-
10
150
40~500Ω
Adjustable Power Resistor (DRS-B)
N - No mount Dimensions
Adjustable Power Resistor (DRS-B)
Z - Vertical mount Dimensions
Adjustable Power Resistor (DRS-B)
G - Horizontal mount Dimensions
Version 2010
DRS Power Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRSB1300W0R1KN

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
M-System Co.,Ltd.
DRS MSYSTEM-DRS Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B MSYSTEM-DRS-0-B Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E MSYSTEM-DRS-0-B/E Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E2 MSYSTEM-DRS-0-B/E2 Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - DRSB1300W0R1KN

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DQS1500W10RKG TOKEN-DQS1500W10RKG Datasheet
348Kb / 4P
   DQS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
List of Unclassifed Man...
MC14643 ETC2-MC14643 Datasheet
205Kb / 1P
   RoHS Compliant Wirewound Resistors, Adjustable, Vitresous
logo
Vishay Siliconix
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com