Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDM74P12RJT Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RDM74P12RJT
Description  RDM Carbon Film Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RDM74P12RJT Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RDM74P12RJT Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RDM74P12RJT Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RDM74P12RJT Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions & Recommended Soldering Bath Dimensions
Characteristics
D1
D2
D3
C
L
Type
RDM73S RDM73P RDM74S RDM74P RDM16M RDM17S RDM17P
DIN-44061 type
0204
0204
0207
0207
0207
0309
0309
Dimensions
(mm)
L
3.5±0.2
3.5±0.2
5.9±0.2
5.9±0.2
5.9±0.2
8.5±0.2
8.5±0.2
C (Min.)
0.5
0.5
0.5
0.5
0.5
0.5
0.5
D1
1.40±0.15 1.40±0.15
2.2±0.1
2.2±0.1
2.2±0.1
3.2±0.2
3.2±0.2
D2 (Max.)
1.55
1.55
2.4
2.4
2.4
3.4
3.4
D3 (Max.)
1.25
1.25
2.1
2.1
2.1
3.0
3.0
Type
RDM73S RDM73P RDM74S RDM74P RDM16M RDM17S RDM17P
DIN-44061 type
0204
0204
0207
0207
0207
0309
0309
Power Rating (W)
1/8
1/4
1/4
1/2
1
1/2
1
Resistance Range (Ω) E24
1 ~ 1M
Resistance Tolerance
G: ±2%
J: ±5%
Max. Working Voltage (V)
200
250
300
300
350
350
350
Max. Overload Voltage (V)
400
500
600
600
700
700
700
Packaging
& Qty (pcs)
Case
180K
180K
96K
96K
96K
50K
50K
Reel
3K
3K
2K
2K
2K
2.5K
2.5K
Item
Characteristics
Test Method
Temp. Coefficient (PPM/°C)
0 ~ -350
0 ~ -600
0 ~ -1000
0 ~ -1500
JIS-C(5202-5.2)
>1/4W
<10K
11K~115K 160K~2M2
-
1/8W
<1K
1K1~47K 51K~470K 510K~1M
Short Time Overload
± (1.0% + 0.05Ω)
JIS-C(5202-5.5)
Intermittent
± (1.0% + 0.05Ω)
JIS-C(5202-5.8)
Resistance to Soldering
± (1.0% + 0.05Ω)
JIS-C(5202-6.4)
Solderability
95% Coverage min
JIS-C(5202-6.5)
Moisture Resistance
± (5.0% + 0.1Ω)
JIS-C(5202-7.9)
Load Life
± (3.0% + 0.1Ω)
JIS-C(5202-7.10)
TCR
Type
RDM Carbon Film Melf Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RDM74P12RJT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
RDM E-SWITCH-RDM Datasheet
1Mb / 4P
   rDm SerieS rotary Dip Switch
logo
SUN HOLD ELECTRIC INC
RDM-2C-12 SUNHOLD-RDM-2C-12 Datasheet
892Kb / 2P
   RDM SERIES
RDM-2C-12-L SUNHOLD-RDM-2C-12-L Datasheet
892Kb / 2P
   RDM SERIES
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
   MULTIBAND ANTENNA
Rev B
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
   GPSGSM COMBINATION ANTENNA
Rev A
More results

Similar Description - RDM74P12RJT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
   Carbon Film MELF Resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
   Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
   fixed carbon film melf resistor
RD41 KOA-RD41 Datasheet
358Kb / 2P
   fixed carbon film melf resistor
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com