Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F008VI-5 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25F008VI-5
Description  SerialFlash??Memory With Block LockTM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F008VI-5 Datasheet(HTML) 5 Page - Xicor Inc.

  X25F008VI-5 Datasheet HTML 1Page - Xicor Inc. X25F008VI-5 Datasheet HTML 2Page - Xicor Inc. X25F008VI-5 Datasheet HTML 3Page - Xicor Inc. X25F008VI-5 Datasheet HTML 4Page - Xicor Inc. X25F008VI-5 Datasheet HTML 5Page - Xicor Inc. X25F008VI-5 Datasheet HTML 6Page - Xicor Inc. X25F008VI-5 Datasheet HTML 7Page - Xicor Inc. X25F008VI-5 Datasheet HTML 8Page - Xicor Inc. X25F008VI-5 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X25F064/032/016/008
5
Figure 1. Read SerialFlash Memory Array Operation Sequence
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• A HIGH to LOW transition on
CS is required to
enter an active state and receive an instruction.
• SO pin is high impedance.
• The program enable latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent programming:
• The program enable latch is reset upon power-up.
• A program enable instruction must be issued to set
the program enable latch.
CS must come HIGH at the proper clock count in
order to start a program cycle.
Figure 2. Read Status Register Operation Sequence
0123456789
10
20 21 22 23 24 25 26 27 28 29 30
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3210
6685 ILL F03
0123456789
10
11
12 13 14
76543210
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
6685 ILL F04


Similar Part No. - X25F008VI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M XICOR-X25F047M Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M-5 XICOR-X25F047M-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI XICOR-X25F047MI Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI-5 XICOR-X25F047MI-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results

Similar Description - X25F008VI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com