Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACWMX Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # ZTACWMX
Description  Redial Taping Dimensions
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTACWMX Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  ZTACWMX Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTACWMX Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTACWMX Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. ZTACWMX Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 05
Version 2010
Redial Taping Dimensions
http://www.token.com.tw/
rfq token.com.tw
Redial Taping Dimensions of
Ceramic Resonator and Filter
TOKEN
Radial Taping Dimensions of Ceramic Resonators and Ceramic Filters
Mark
Size
(Unit: mm)
P
12.7±0.5
P0
12.7±0.2
P1
3.85±0.5
P2
6.35±1.3 *
F
0.5+0.5
- 0.3
dxt
0.5x0.3(±0.1)
W
18.0±0.5
W0
5.5±0.5
W1
9.0±0.5
W2
1.0max
H
18.0+0.5
- 1.0
H1
27.0max **
H2
36.0max **
L
3.0main
ΦD0
4.0±0.2
t1
0.6±0.2
t2
1.5max
Δh
1.0max
Notes:
* Include the slant of products.
** Varies with part number.
Radial Taping Dimensions of Ceramic Resonators and Ceramic Filters
P2
P
P0
P1 F1 F2
ΦD0
Δh Δh
STAMP
t1
t2


Similar Part No. - ZTACWMX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
ZTACWMX AITSEMI-ZTACWMX Datasheet
178Kb / 1P
   CERAMIC RESONATOR ZTA/ZTACx
More results

Similar Description - ZTACWMX

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
RLXF622-221K XFMRS-RLXF622-221K Datasheet
33Kb / 1P
   REDIAL LEADED INDUCTOR
RLXF622-681K XFMRS-RLXF622-681K Datasheet
58Kb / 1P
   REDIAL LEADED INDUCTOR
logo
Integral Corp.
IL5851 INTEGRAL-IL5851 Datasheet
288Kb / 7P
   PULSE DIALER WITH REDIAL
logo
XFMRS Inc.
RLXF262-822J XFMRS-RLXF262-822J Datasheet
32Kb / 1P
   REDIAL LEADED INDUCTOR
logo
United Monolithic Semic...
UM91271 UMS-UM91271 Datasheet
81Kb / 1P
   32-digit redial memory
logo
Integral Corp.
IN5851 INTEGRAL-IN5851 Datasheet
255Kb / 7P
   PULSE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9100A1 ETC-HM9100A1 Datasheet
67Kb / 1P
   TOUCH PULSE DIALER WITH REDIAL
logo
Murata Manufacturing Co...
GRM1555C1H180JA01 MURATA-GRM1555C1H180JA01 Datasheet
98Kb / 2P
   180mm Paper taping 10000 330mm Paper taping 50000
logo
KODENSHI_AUK CORP.
KK5851 KODENSHI-KK5851 Datasheet
305Kb / 7P
   PULSE DIALER WITH REDIAL
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com