Electronic Components Datasheet Search |
|
TCDA1312-1R0M Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd. |
|
TCDA1312-1R0M Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd. |
7 / 9 page 07 of 09 (TCDA1090) Electrical Characteristics Part Number L0 Inductance (µH) ±20% @0A C (max) (mm) D ± 0.1 (mm) DCR (mΩ) Heat Rating Current Idc (Amp) Typical Saturation Current Isat (Amp) Typical (Typical) (Max) TCDA1090-R15M 0.15 9 1.4 0.45 0.60 40 60 TCDA1090-R20M 0.20 9 1.4 0.45 0.60 40 60 TCDA1090-R25M 0.25 (1.5T) 9 1.4 0.45 0.60 40 50 TCDA1090-R25M 0.25 (2.5T) 10 1.4 0.65 0.75 40 60 TCDA1090-R30M 0.30 10 1.4 0.65 0.75 40 60 TCDA1090-R33M 0.33 10 1.4 0.65 0.75 40 60 TCDA1090-R36M 0.36 10 1.4 0.65 0.75 40 50 TCDA1090-R39M 0.39 10 1.4 0.65 0.75 40 50 TCDA1090-R47M 0.47 (2.5T) 10 1.4 0.65 0.75 40 50 TCDA1090-R47M 0.47 (3.5T) 10 1.4 0.90 1.10 35 50 TCDA1090-R60M 0.60 10 1.4 0.90 1.10 35 50 TCDA1090-R68M 0.68 10 1.4 0.90 1.10 35 40 TCDA1090-R80M 0.8 10 1.4 1.10 1.30 33 40 TCDA1090-1R0M 1.0 10 1.2 1.55 1.80 27 40 TCDA1090-1R2M 1.2 10 1.2 1.90 2.20 25 30 TCDA1090-1R5M 1.5 10 1.0 2.70 3.00 21 30 TCDA1090-1R8M 1.8 10 1.0 2.70 3.00 21 30 TCDA1090-2R2M 2.2 10 1.2 3.70 4.00 18 30 Note: All test Data is referenced to 25°C ambient. Typical Heat Rating DC Current would cause an approximately ΔT of 40°C. Typical Saturation DC Current would cause Lo to drop approximately 20%. Operating Temperature Range: -25°C to +125°C. Version 2010 TCDA Large Current Power Inductor http://www.token.com.tw/ rfq token.com.tw TOKEN |
Similar Part No. - TCDA1312-1R0M |
|
Similar Description - TCDA1312-1R0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |