Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAL01GTRR10 Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TRAL01GTRR10
Description  TRAL Chip Thin Film Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRAL01GTRR10 Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  TRAL01GTRR10 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRAL01GTRR10 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
08 of 08
Version 2010
TRAL Chip Thin Film Inductors
Environmental Characteristics
Item
Specification
Test Method
Bending Test
As SPEC.
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10 seconds
Dielectric Withstand Voltage
>100V
MIL-STD-202F Method 301
Apply 100VA (rms) for 1minute.
Insulation Resistance
>1000MM
MIL-STD-202F Method 302
Apply 100VDC for 1minute.
Resistance to Soldering Heat
ΔL≤10%
MIL-STD-202F Method 210E
260±5°C, 10±1seconds
High Temperature Exposure
ΔL≤10%
JIS-C-5202-7.2
85±2°C, 1000 +48/-0 hours
Moisture Resistance
ΔL≤10%
MIL-STD-202F Method 103B
40±2°C, 90~95%RH, 1000 +48/-0 hours
Low Temperature Storage
ΔL≤10%
JIS-C-5202-7.1
-40±3°C, 1000 +48/-0 hours
Temperature Cycle
ΔL≤10%
JIS-C-5202-7.4
-40/RT/85/RT, 10 cycles
Solderability
95% min coverage
MIL-STD-202F Method 208H
235°C±5°C,2±0.5(sec)
Note: Storage Temperature: 25±3°C; Humidity < 80%RH
Part Number: TRAL01, TRAL02, TRAL03
How to Order
02
TRAL
G
Dimensions (L×W) (mm)
TR
10N
Code
Dimensions (L×W)
EIA
01
0.60×0.30mm
EIA0201
02
1.00×0.50 mm
EIA0402
03
1.60×0.80 mm
EIA0603
Inductance Tolerance
Code
Inductance Tolerance
J
±5%
H
±3%
G
±2%
F
±1%
S
±0.3nH
C
±0.2nH
B
±0.1nH
Packaging: TR (Taping Reel)
Inductance
Code
Inductance
1N0
1.0nH
10N
10nH
20N8
20.8nH
R10
100nHs
Back to 1st Page - Chip Thin Film Inductors (TRAL)
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRAL01GTRR10

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
   Public safety
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101BRT1 VISHAY-TRA06E0803101BRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101DRT1 VISHAY-TRA06E0803101DRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101FRT1 VISHAY-TRA06E0803101FRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
More results

Similar Description - TRAL01GTRR10

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com