Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP-EC52-1S Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-EC52-1S
Description  EC cores and accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-EC52-1S Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-EC52-1S Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ferroxcube
EC cores and accessories
EC52
COIL FORMERS
General data 12-slots EC52 coil former for insertable pins
Winding data for 12-slots EC52 coil former for insertable pins
Coil formers with inserted pins are available on request.
PARAMETER
SPECIFICATION
Coil former material
polyamide (PA6.6), glass-reinforced, flame retardant
in accordance with
“UL 94V-0”; UL file number E44716(R)
Maximum operating temperature
130
°C, “IEC 60085”, class B
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
TYPE NUMBER
1
212
28.3
74.9
CP-EC52-1S


Similar Part No. - CP-EC52-1S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-EC52-1S FERROXCUBE-CP-EC52-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC52/24/14
More results

Similar Description - CP-EC52-1S

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
EC70 FERROXCUBE-EC70 Datasheet
51Kb / 2P
   EC cores and accessories
CP-EC41-1S FERROXCUBE-CP-EC41-1S Datasheet
27Kb / 1P
   EC cores and accessories
CP-EC70-1S FERROXCUBE-CP-EC70-1S Datasheet
28Kb / 1P
   EC cores and accessories
EC35 FERROXCUBE-EC35 Datasheet
52Kb / 2P
   EC cores and accessories
EC41 FERROXCUBE-EC41 Datasheet
51Kb / 2P
   EC cores and accessories
CSH-EC35-1S-11PD-A FERROXCUBE-CSH-EC35-1S-11PD-A Datasheet
37Kb / 1P
   EC cores and accessories
logo
List of Unclassifed Man...
EC70 ETC2-EC70 Datasheet
49Kb / 6P
   EC cores and accessories
logo
Ferroxcube Internationa...
CP-EC35-1S FERROXCUBE-CP-EC35-1S Datasheet
27Kb / 1P
   EC cores and accessories
EC52 FERROXCUBE-EC52 Datasheet
51Kb / 2P
   EC cores and accessories
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com