Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR03DPC21002 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # PR03DPC21002
Description  PR Anti-Corrosive Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PR03DPC21002 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  PR03DPC21002 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PR03DPC21002 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PR03DPC21002 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PR03DPC21002 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PR03DPC21002 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02 of 05
(PR) Surface Mount Series Dimensions (Unit: mm)
Standard Electrical Specifications
Protective Layer
Sn Plating
Ni Plating
Thick Film Ni/Cr Conductor
Resistive Element
Alumina Substrate
Overcoat
Marking
W
T
D2
D2
D1
D1
L
Codes
L
W
T
D1
D2
PR02 (0402)
1.00±0.05
0.50±0.05
0.30±0.05
0.20±0.10
0.20±0.10
PR03 (0603)
1.55±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
PR05 (0805)
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
PR06 (1206)
3.05±0.15
1.55±0.15
0.55±0.10
0.42±0.20
0.35±0.25
PR10 (2010)
4.90±0.15
2.40±0.15
0.55±0.10
0.60±0.30
0.50±0.25
PR12 (2512)
6.30±0.15
3.10±0.15
0.55±0.10
0.60±0.30
0.50±0.25
Type
Power
Ratingat
70°C
Operating
Temp.
Range
Max
Operating
Voltage
Max
Overloading
Voltage
Resistance
Tolerance
Resistance
Range
TCR
PR02
(0402)
1/16W
-55 ~
+155°C
25V
50V
±0.10%
±0.25%
±0.50%
25Ω~25KΩ
±25PPM / °C
±50PPM / °C
PR03
(0603)
1/16W
-55 ~
+155°C
50V
100V
±0.10%
±0.25%
±0.50%
25Ω~332KΩ
±25PPM / °C
±50PPM / °C
PR05
(0805)
1/10W
-55 ~
+155°C
100V
200V
±0.10%
±0.25%
±0.50%
10Ω~800KΩ
±25PPM / °C
±50PPM / °C
PR06
(1206)
1/8W
-55 ~
+155°C
150V
300V
±0.10%
±0.25%
±0.50%
10Ω~1MΩ
±25PPM / °C
±50PPM / °C
PR10
(2010)
1/4W
-55 ~
+155°C
150V
300V
±0.10%
±0.25%
±0.50%
10Ω~1MΩ
±25PPM / °C
±50PPM / °C
PR12
(2512)
1/2W
-55 ~
+155°C
150V
300V
±0.10%
±0.25%
±0.50%
10Ω~1MΩ
±25PPM / °C
±50PPM / °C
Version 2010
PR Anti-Corrosive Chip Resistor
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PR03DPC21002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR03 VISHAY-PR03 Datasheet
141Kb / 14P
   Power Metal Film Resistors
Revision: 24-Feb-04
PR03 VISHAY-PR03 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR03 VISHAY-PR03 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
International Rectifier
PR03000201802JAC00 IRF-PR03000201802JAC00 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Alpha Wire
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
More results

Similar Description - PR03DPC21002

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
NIC-Components Corp.
NTRC NIC-NTRC Datasheet
490Kb / 4P
   Anti-Corrosive Thin Film Chip Resistors
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC0402-100RF1 RIEDON-ASC0402-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
ASC1206-100RF1 RIEDON-ASC1206-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
   Anti-Sulfur Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com