Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET28B392P Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TCET28B392P
Description  TCUU EMI Line Filters
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCET28B392P Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TCET28B392P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCET28B392P Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Fixed Inductor Terminology Glossary
Inductor and Magnetic Product Terminology & Glossary
DCR (DC Resistance)
The resistance of the inductor winding measured with no alternating current. The DCR is most often mini-
mized in the design of an inductor. The unit of measure is ohms, and it is usually specified as a maximum
rating.
EMI
EMI is an acronym for Electromagnetic Interference. It is unwanted electrical energy in any form. EMI is
often used interchangeably with “Noise”.
Ferrite Core
Ferrite is a magnetic material which consists of a mixed oxide of iron and other elements that are made to
have a crystalline molecular structure. The general composition of ferrites is xxFe2O4 where xx represents
one or several metals. The most popular metal combinations are manganese and zinc (MnZn) and nickel
and zinc (NiZn). These metals can be easily magnetized.
Impedance
The impedance of an inductor is the total resistance to the flow of current, including the AC and DC
component. The DC component of the impedance is simply the DC resistance of the winding. The AC
component of the impedance includes the inductor reactance. The following formula calculates the
inductive reactance of an ideal inductor (i.e., one with no losses) to a sinusoidal AC signal.
Equation Z = XL = 2ΠƒL.
This equation indicates that higher impedance levels are achieved by higher inductance values or at higher
frequencies.
Inductance & Tolerance
The property of a circuit element which tends to oppose any change in the current flowing through it. The
inductance for a given inductor is influenced by the core material, core shape and size, the turns count and
the shape of the coil. Inductors most often have their inductances expressed in microhenries (μH).
Tolerance Letter of Inductance Table
Letter
Tolerance
Inductance
F
± 1 %
1 henry (H) = 106 μH
1 millihenry (mH) = 103 μH
1 microhenry (μH) = 1 μH
1 nanohenry (nH) = 10-3 μH
G
± 2 %
H
± 3 %
J
± 5 %
K
± 10 %
L
± 15 %
M
± 20 %
03 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCET28B392P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCET28B-123 TOKEN-TCET28B-123 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28B-182 TOKEN-TCET28B-182 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28B-223 TOKEN-TCET28B-223 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28B-393 TOKEN-TCET28B-393 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28B-682 TOKEN-TCET28B-682 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
More results

Similar Description - TCET28B392P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCUU98H-471 TOKEN-TCUU98H-471 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com