Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRSB20W0R1KC Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # DRSB20W0R1KC
Description  DRS Power Adjustable Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRSB20W0R1KC Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  DRSB20W0R1KC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRSB20W0R1KC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02 of 05
(DRS-A) 20W ~ 1300W Dimensions
Power Adjustable Resistor (DRS-A)
N - No mount Dimensions
M
K
I
O
F
J
N
L
D
C
B
H
G
E
A
Power Adjustable Resistor (DRS-A)
Z - Vertical mount Dimensions
Power Adjustable Resistor (DRS-A)
G - Horizontal mount Dimensions
Wattage
Rating
Dimensions (mm)
Max.
Resistance
Value(Ω)
A
B
C
D
E
F
G
H
I
J
K
L
M N
O
20W
60
17
8
22
5
78
2
12
4
90
36
1.0
-
6
16
1~1KΩ
30W
80
17
8
22
5
100 2
12
4
112 36
1.0
-
6
16
1~1.5KΩ
40W
110
17
8
22
5
128 2
12
4
140 36
1.0
-
6
16
1~2KΩ
50W
110
25
16 30
8
150 5
18
6
166 58
1.2 6
-
27
0.1~5KΩ
60W
90
28
18 32
8
130 5
19
6
146 60
1.2 6
-
27
0.1~6KΩ
80W
110
28
18 32
8
150 5
19
6
166 60
1.2 6
-
27
0.1~8KΩ
100W
140
28
18 32
8
180 5
19
6
196 60
1.2 6
-
27
0.1~10KΩ
120W
160
28
18 32
8
200 5
19
6
216 60
1.2 6
-
27
0.1~12KΩ
150W
195
28
18 32
8
235 5
19
6
251 60
1.2 6
-
27
0.3~15KΩ
160W
185
35
24 36 10 225 5
19
8
245 76
1.6 6
-
34
0.3~16KΩ
200W
210
35
24 36 10 250 5
19
8
274 76
1.6 6
-
34
0.3~20KΩ
250W
210
40
25 38 12 250 5
20
8
274 78
1.6 6
-
34
0.5~25KΩ
300W
260
40
25 38 12 300 5
20
8
320 78
1.6 6
-
34
0.5~30KΩ
400W
330
40
25 38 12 370 5
20
8
395 78
1.6 6
-
34
0.5~40KΩ
500W
330
50
35 50 12 380 6
25
9
400 100
1.6 8
-
40
0.5~50KΩ
600W
400
50
35 50 12 450 6
25
9
470 100
1.6 8
-
40
0.8~60KΩ
700W
460
50
35 50 12 510 6
25
9
530 100
1.6 8
-
40
0.8~70KΩ
800W
460
60
40 55 15 515 6
30
10
535 110
1.6 10
-
50
0.8~80KΩ
1000W
540
60
40 55 15 595 6
30
10
615 110
1.6 10
-
50
1~100KΩ
1300W
650
65
42 62 15 702 6
30
10
722 115
1.6 10
-
50
1~130KΩ
Version 2010
DRS Power Adjustable Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRSB20W0R1KC

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
M-System Co.,Ltd.
DRS MSYSTEM-DRS Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B MSYSTEM-DRS-0-B Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E MSYSTEM-DRS-0-B/E Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
DRS-0-B/E2 MSYSTEM-DRS-0-B/E2 Datasheet
118Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - DRSB20W0R1KC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DQS1500W10RKG TOKEN-DQS1500W10RKG Datasheet
348Kb / 4P
   DQS Power Adjustable Resistors
BSR2000W20RK TOKEN-BSR2000W20RK Datasheet
344Kb / 4P
   BSR, BSQ Adjustable Power Resistors
logo
List of Unclassifed Man...
AVT-10 ETC2-AVT-10 Datasheet
70Kb / 1P
   ADJUSTABLE WIREWOUND RESISTORS
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
logo
Maxim Integrated Produc...
MAX17115EVKIT MAXIM-MAX17115EVKIT Datasheet
649Kb / 6P
   Adjustable Output Voltages (External Resistors)
Rev 0; 12/09
logo
Vishay Siliconix
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
ASE VISHAY-ASE Datasheet
178Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
AVE VISHAY-AVE Datasheet
176Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
Revision: 03-Jun-16
logo
List of Unclassifed Man...
MC14643 ETC2-MC14643 Datasheet
205Kb / 1P
   RoHS Compliant Wirewound Resistors, Adjustable, Vitresous
logo
Vishay Siliconix
RDEA VISHAY-RDEA Datasheet
108Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Adjustable (RDEA, RDSA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com