Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET28H471P Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TCET28H471P
Description  TCUU EMI Line Filters
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCET28H471P Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

Back Button TCET28H471P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TCET28H471P Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
Fixed Inductor Terminology Glossary
Matched Impedance
The condition that exists when two coupled circuits are adjusted so that the output impedance of one circuit
equals the input impedance of the other circuit connected to the first. There is a minimum power loss be-
tween two circuits when their connecting impedances are equal.
Multilayer Inductor
An inductor constructed by layering the coil between layers of core material. The coil typically consists
of a bare metal material (no insulation). This technology is sometimes referred to as “non-wirewound”.
The inductance value can be made larger by adding additional layers for a given spiral pattern.
Quality Factor Q
The Q value of an inductor is a measure of the relative losses in an inductor. The Q is also known as the
“quality factor” and is technically defined as the ratio of inductive reactance to effective resistance and is
represented by: Equation Q = XL / Re = 2πƒL / Re
Since XL and Re are functions of frequency, the test frequency must be given when specifying Q. XL
typically increases with frequency at a faster rate than Re at lower frequencies, and vice versa at higher
frequencies. This results in a bell shaped curve for Q vs frequency. Re is mainly comprised of the DC
resistance of the wire, the core losses and skin effect of the wire. Based on the above formula, it can be
shown that the Q is zero at the self resonant frequency since the inductance is zero at this point.
Rated Current
The level of continuous DC current that can be passed through the inductor. This DC current level is
based on a maximum temperature rise of the inductor at the maximum rated ambient temperature. The
rated current is related to the inductor’s ability to minimize the power losses in the winding by having a
low DC resistance. It is also related to the inductor’s ability to dissipate this power lost in the windings.
Thus, the rated current can be increased by reducing the DC resistance or increasing the inductor size.
For low frequency current waveforms, the RMS current can be substituted for the DC rated current.
The rated current is not related to the magnetic properties of the inductor.
Saturation Current
The DC bias current flowing through the inductor which causes the inductance to drop by a specified
amount from the initial zero DC bias inductance value. Common specified inductance drop percentages
include 10 % and 20 %. It is useful to use the 10 % inductance drop value for ferrite cores and 20 % for
powdered iron cores in energy storage applications.
The cause of the inductance to drop due to the DC bias current is related to the magnetic properties of the
core. The core, and some of the space around the core, can only store a given amount of magnetic flux
density. Beyond the maximum flux density point, the permeability of the core is reduced. Thus, the
inductance is caused to drop. Core saturation does not apply to “air-core” inductors.
Self-Resonant Frequency (SRF)
The frequency at which the inductor’s distributed capacitance resonates with the inductance. It is at this
frequency that the inductance is equal to the capacitance and they cancel each other. The inductor will
act purely resistive with a high impedance at the SRF point.
04 of 83
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCET28H471P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCET28H-123 TOKEN-TCET28H-123 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28H-182 TOKEN-TCET28H-182 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28H-223 TOKEN-TCET28H-223 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28H-393 TOKEN-TCET28H-393 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
TCET28H-682 TOKEN-TCET28H-682 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
More results

Similar Description - TCET28H471P

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TCUU98H-471 TOKEN-TCUU98H-471 Datasheet
501Kb / 11P
   TCUU98V EMI Line Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
DLF-8000L COILCRAFT-DLF-8000L Datasheet
167Kb / 1P
   Data Line EMI Filters
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
   Data Line EMI Filters
logo
XFMRS Inc.
XF20001W XFMRS-XF20001W Datasheet
43Kb / 1P
   Data Line EMI Filters
logo
Coilcraft lnc.
PDLF4000L COILCRAFT-PDLF4000L Datasheet
220Kb / 2P
   SMT Data Line EMI Filters
CCDLF COILCRAFT-CCDLF_13 Datasheet
228Kb / 2P
   SMT Data Line EMI Filters
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
TTDLF COILCRAFT-TTDLF_15 Datasheet
613Kb / 2P
   SMT Data Line EMI Filters
CQ7584-AL COILCRAFT-CQ7584-AL_16 Datasheet
221Kb / 4P
   SMT Data Line EMI Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com