Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OAR1R05JP Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # OAR1R05JP
Description  OAR Open Air Current Sense Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

OAR1R05JP Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  OAR1R05JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. OAR1R05JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. OAR1R05JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Preview
In response to requests from power electronics design engineers
with the means to squeeze more current-sensing capability
into crowded power supply designs, Token Electronics has
developed a “tight pitch” version of its open air metal element
current sensing resistor with ratings as high as 5W in a
reduced PC board footprint and longer thermal path.
Designated the OAR Series, these open-air through-hole
devices offer a high current, flameproof alternative to
conventional axial devices and flat chips for current-sense
circuits where PC board space is at a premium. The resistor’s
footprint is reduced by extending the height of the device
above the board, thus keeping the resistor element’s “hot spot” safely off the PC board and providing for
increased air circulation under it, which in turn provides increased heat dissipation and cooler operation.
The OAR devices with increased height improve cooling efficiency, and because many power supply designs are
already tightly-packed at the PC board level, the additional height does not create any profile issues. The OAR
series resistors feature a reduced pitch, or spacing between the leads on the circuit board with a corresponding
increase in the board mounted profile.
The OAR Series resistors are power rated for 1W, 2W, 3W, or 5W at 85°C, with resistance values from 0.05Ω
to 0.005Ω, with tolerances down to ±1%. They feature TCRs as low as ±50ppm/°C and inductance values in the
single-digit nanohenry range (10 nH Max.). Operating temperature range is -40°C to +125°C. The flameproof
OAR resistors are constructed of a wire resistive element with welded copper leads to prevent solder wicking,
which can change the device’s resistance value in the circuit by as much as 30%.
The OAR Series is available in bulk packaging and is RoHS compliant and lead free. For non-standard technical
requirements and special applications,please contact us with your specific needs.
OAR Open Air Current Sense Resistors
Token’s “tight pitch” version of its open air metal element
current sense resistor (OAR) need less PCB space.
Open Air
Current Sense Resistor
Features
- High stability open-air style.
- Precision alloys resistive element.
- Lead (Pb)-free and RoHS compliant.
- Standard tolerance ±1%, ±2%, ±5%.
- Low inductance. Solderable copper leads (60/40).
- Radial leads, low resistance value 0.05Ω ~ 0.005Ω.
Applications
- CPU Drive Control.
- Power Tool Motor controls.
- Automotive, Feedback System.
- Inverter and Switching Power Supplies.
- Power Supply Shunt, Current Detective.
- Residual Battery Power Detection,
and Current Sensing.
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Version 2010


Similar Part No. - OAR1R05JP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results

Similar Description - OAR1R05JP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
IRC - a TT electronics ...
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com