Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB251005HP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LRB251005HP
Description  LRB Open Air Low Resistance Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRB251005HP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LRB251005HP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRB251005HP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRB251005HP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LRB Open Air Low Resistance Resistors
TOKEN
Dimensions (Unit: mm)
Specification
L
Φ
B Max.
B Max.
Φ
L
RM (mm)
H Max. (mm)
B Max. (mm)
Ø (mm)
L1 (mm)
5 ~ 50
20
1
5 ~ 29
3±0.5
Type
Diameter Ø
(mm)
Rated Current
(A)
Resistance
Range (mΩ)
Tolerance (%)
Temperature
Coefficient
(ppm/°C)
Temperature
Range (°C)
LRB-05
0.5
2.5
20~50
±3%(H)
±5%(J)
±10%(K)
±50 ~ ±100
-55 ~ +85
LRB-06
0.6
3.0
20~50
LRB-07
0.7
4.0
20~50
LRB-08
0.8
4.5
20~50
LRB-09
0.9
5.0
10~50
LRB-10
1.0
5.5
10~30
LRB-11
1.1
6.0
5~20
LRB-12
1.2
7.0
5~20
LRB-13
1.3
7.5
5~20
LRB-14
1.4
8.0
5~20
LRB-15
1.5
9.0
5~20
LRB-16
1.6
9.5
5~15
LRB-18
1.8
11
3~10
LRB-20
2.0
12
2~8
LRB-23
2.3
14
2~8
LRB-25
2.5
17
2~5
LRB-29
2.9
21
2~5
02 of 03
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRB251005HP

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LRB24-IP BELIMO-LRB24-IP Datasheet
520Kb / 4P
   Cloud capable and communicative rotary actuator for ball valves
logo
RCD COMPONENTS INC.
LRB2400H RCD-LRB2400H Datasheet
51Kb / 1P
   HIGH POWER ?쁋OAD RESISTOR BOX??200W to 8000 WATT
LRB2400N RCD-LRB2400N Datasheet
51Kb / 1P
   HIGH POWER ?쁋OAD RESISTOR BOX??200W to 8000 WATT
LRB2400V RCD-LRB2400V Datasheet
51Kb / 1P
   HIGH POWER ?쁋OAD RESISTOR BOX??200W to 8000 WATT
LRB2400X RCD-LRB2400X Datasheet
51Kb / 1P
   HIGH POWER ?쁋OAD RESISTOR BOX??200W to 8000 WATT
More results

Similar Description - LRB251005HP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com