Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAL02HTR20N8 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TRAL02HTR20N8
Description  TRAL Chip Thin Film Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRAL02HTR20N8 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  TRAL02HTR20N8 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRAL02HTR20N8 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
07 of 08
Version 2010
TRAL Chip Thin Film Inductors
Reel & Packaging Quantity (Unit: mm)
W
T
ø C
Codes
ΦA
ΦB
ΦC
W
T
Paper Tape (PCS)
TRAL01
178.0 ± 1.0
60 ± 1.0
13.5 ± 0.7
9.5 ± 1.0
11.5 ± 1.0
10,000
TRAL02
178.0 ± 1.0
60 ± 1.0
13.5 ± 0.7
9.5 ± 1.0
11.5 ± 1.0
10,000
TRAL03
178.0 ± 1.0
60 ± 1.0
13.5 ± 0.7
9.5 ± 1.0
11.5 ± 1.0
5,000
Paper Tape (Unit: mm)
Bottom Tape
Top Tape
Paper Tape
Resistor
T
A
B
ø D0
P1
P2
P0
direction of unreeling
E
F
W
Codes
A±0.05 B±0.05 W±0.10 E±0.05 F±0.05 P0±0.10
P1
P2±0.05
ΦD0
T
TRAL01
0.40
0.70
8.00
1.75
3.5
4.00
2.00±0.05
2.00
1.55±0.03 0.42±0.02
TRAL02
0.70
1.16
8.00
1.75
3.5
4.00
2.00±0.05
2.00
1.55±0.05 0.40±0.03
TRAL03
1.10
1.90
8.00
1.75
3.5
4.00
4.00±0.10
2.00
1.55±0.05 0.60±0.03
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRAL02HTR20N8

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
   Public safety
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101BRT1 VISHAY-TRA06E0803101BRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101DRT1 VISHAY-TRA06E0803101DRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101FRT1 VISHAY-TRA06E0803101FRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
More results

Similar Description - TRAL02HTR20N8

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com