Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRMA453215-YTRYH151 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TRMA453215-YTRYH151
Description  TRMA High Current Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMA453215-YTRYH151 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TRMA453215-YTRYH151 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMA453215-YTRYH151 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
01 of 10
Version 2010
High Current Multilayer Ferrite Beads - TRMA Series
Multilayer
Ferrite Beads
TRMA High Current Inductors
Token high current multilayer ferrite beads
lower DC resistance and handle up to 6A (TRMA)
Preview
Token TRMA series multilayer ferrite bead inductor is one popular high current version of Token chips products.
Ceramic materials and process technologies have allowed Token to lower the DC resistance of its chip ferrite
beads, increasing rated current to create the TRMA series.
With a maximum current rating of up to 6A and a wide operating temperature range of between -55°C and
+125°C, the TRMA series is ideally suited to applications in harsh environments. The series comes in 0402 size
packaging (1 x 0.5 x 0.5 mm), for designers seeking to reduce board space without performance degradation.
Low DC resistance also helps reduce power consumption for battery-powered applications.
The TRMA devices give effective EMI and RFI suppression and the range also offers high impedance values
over a wide frequency range. Quoted reference values are between 7Ω and 1500Ω at 100MHz. Available in case
sizes ranging from 0402, 0603, 0805, 1206, 1210, 1806, to 1812, the ferrite chip beads feature nickel barrier
terminations with a solder plate finish to help ensure a good solder joint. Parts are supplied taped and reeled, and
are fully compatible with automatic pick and place equipment.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements,
please contact our sales for more information.
Features :
- Low DC Resistance.
- Multiple Size Availability.
- Effective EMI Protection.
- High Soldering Heat Resistance.
Applications :
- Portable Equipment.
- Modem, Personal Computers.
- CD-ROM, Hard Disk, Printers.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMA453215-YTRYH151

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMA453215-YTRYH151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
   High Current Inductors
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
   High Current Inductors
01-Jan-2022
logo
Nuvotem Talema
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
   High Current Inductors
logo
Central Technologies
CTHRF CT-CTHRF Datasheet
162Kb / 1P
   High Current Inductors
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
   High Current Inductors
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Bourns Electronic Solut...
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Rohm
2204-V ROHM-2204-V Datasheet
111Kb / 1P
   High Current Toroid Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2101-RC BOURNS-2101-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com