Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC10JTRWAR010G Datasheet(PDF) 10 Page - Token Electronics Industry Co., Ltd.

Part # LRC10JTRWAR010G
Description  Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC10JTRWAR010G Datasheet(HTML) 10 Page - Token Electronics Industry Co., Ltd.

Back Button LRC10JTRWAR010G Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. LRC10JTRWAR010G Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Preview
Providing design engineers with an economical low
ohmic value, current sense metal strip chip resistor
with high quality performance, Token Electronics
LRC Series is suitable for applications in the
automotive sector for applications that require high
power handling (Up to 3W) and low resistance 0.5mΩ.
From a certified supplier offering the automotive
quality, Token’s LRC Series gives all round superior
performance for current sensing in lamp detection,
mirrors, window lift, steering and seat controls.
As a first instance, the LRC Series displays enhanced
power handling capabilities, against other technologies.
Thermal conductivity is important for chip resistors - little heat is dissipated directly into the air, and instead, is
conducted out through the solder pads.
The heat generated from the specially constructed LRC resistor is more readily dispersed, therefore preventing
localised heating, which contributes to TCR and thermal EMF errors, premature aging and possible scorching of
the PC board.
They are rated for ambient operation from -55°C to +170°C.
The LRC Series is RoHS compliant and lead free. Contact us with your specific needs.
LRC Metal Strip Current Sense Resistors
Ultra Low Ohm Resistor Save Space, Time,
and Money (LRC)
Metal Strip
Current Sense
Chip Resistors
Features
- Low TCR ±50, ±100PPM/°C
- High Wattage Rating Up to 3W
- Customized Resistance Available
- Resistance Values from 0.5m ohms to 20m ohms
- Without Laser Trimmed with Very Low Inductance
Applications
- For NB power management.
- For MB power management.
- For Monitor power management.
- SWPS: DC-DC converter, Charger,
Adaptor.
TOKEN
08 of 56
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC10JTRWAR010G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC10JTRWAR011G TOKEN-LRC10JTRWAR011G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC10JTRWAR010G

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com