Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSDS126-150N Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPSDS126-150N
Description  TPSDS Low DCR Chip Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSDS126-150N Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPSDS126-150N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSDS126-150N Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
01 of 09
Low DCR Low Profile
Chip Power Inductors
TPSDS Low DCR Chip Power Inductors
Token Chip Power Inductor Packs Low DCR,
Low Profile, High Current All in One (TPSDS)
Preview
Token’s new TPSDS power inductor series has improved and combined three key factors of low direct current
resistance (DCR), high-current, and low-profile in one package.
This consists of the internal wound coil being packed tightly with magnetic iron powder and a shielded case that
helps the inductor to produce a much lower audible noise.
Token SMT shielded power inductors (TPSDS) series conform to the RoHS directive and Lead-free. Application
of specific designs also available including different inductance and frequency specifications adjusted to
requirements. Please contact our sales for more information.
Features :
- Compact and thin
- Large Current and Low DCR
- Magnetically shielded construction
Inductor Selection Overview :
- TPSDS0620:(6.3 x 6.2 x 2.0 mm); 1.00μH ~ 47.00μH; DCR 0.022Ω ~ 0.730Ω; IDC 3.50A ~ 0.50A.
- TPSDS0625:(6.3 x 6.2 x 2.5 mm); 1.00μH ~ 100.00μH; DCR 0.018Ω ~ 0.800Ω; IDC 3.48A ~ 0.33A.
- TPSDS0630:(6.3 x 6.2 x 3.0 mm); 1.00μH ~ 150.00μH; DCR 0.017Ω ~ 0.750Ω; IDC 3.59A ~ 0.31A.
- TPSDS0635:(6.3 x 6.2 x 3.5 mm); 2.00μH ~ 150.00μH; DCR 0.020Ω ~ 0.650Ω; IDC 3.00A ~ 0.37A.
- TPSDS104:(10.4 x 10.3 x 3.5 mm); 1.10μH ~ 120.00μH; DCR 0.011Ω ~ 0.460Ω; IDC 11.70A ~ 0.97A.
- TPSDS106:(10.4 x 10.3 x 6.8 mm); 1.10μH ~ 680.00μH; DCR 0.014Ω ~ 1.500Ω; IDC 7.00A ~ 0.47A.
- TPSDS126:(12.8 x 12.6 x 6.8 mm); 1.70μH ~ 680.00μH; DCR 0.010Ω ~ 1.120Ω; IDC 11.80A ~ 0.55A.
Applications :
- TV game, Computer devices
- Ideal for a variety of DC-DC converter
inductor applications.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSDS126-150N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSD106*025#0500 AVX-TPSD106*025#0500 Datasheet
199Kb / 16P
   Low ESR
TPSD106*025T0500V AVX-TPSD106*025T0500V Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0125 AVX-TPSD106*035#0125 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035#0300 AVX-TPSD106*035#0300 Datasheet
199Kb / 16P
   Low ESR
TPSD106*035T0300V AVX-TPSD106*035T0300V Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSDS126-150N

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPS1608DC TOKEN-TPS1608DC Datasheet
432Kb / 7P
   TPSDC Chip Low DCR Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1606 RENCO-RL-1606 Datasheet
404Kb / 2P
   LOW DCR/LOW PROFILE SMD POWER INDUCTORS
logo
Vishay Siliconix
IHLP-1616BZ-1A VISHAY-IHLP-1616BZ-1A Datasheet
231Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-2020CZ-1A VISHAY-IHLP-2020CZ-1A Datasheet
315Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-3232DZ-1A VISHAY-IHLP-3232DZ-1A Datasheet
344Kb / 6P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLP-4040DZ-1A VISHAY-IHLP-4040DZ-1A_17 Datasheet
143Kb / 4P
   Automotive Inductors, Low DCR
Revision: 12-Sep-17
IHLM2525CZERR10M06 VISHAY-IHLM2525CZERR10M06 Datasheet
117Kb / 4P
   10 % DCR Tolerance, Low Profile, Power Inductors
Revision: 12-May-09
logo
RENCO ELECTRONICS, INC.
RL-7485-2 RENCO-RL-7485-2 Datasheet
388Kb / 2P
   LOW DCR/LOW PROFILE SMD INDUCTORS
RL-7550-2 RENCO-RL-7550-2 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
RL-7550-1 RENCO-RL-7550-1 Datasheet
1Mb / 2P
   LOW DCR/ LOW PROFILE SMD INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com