Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSPA-1265-2R2M Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TPSPA-1265-2R2M
Description  TPSPA High Saturation Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSPA-1265-2R2M Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  TPSPA-1265-2R2M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPSPA-1265-2R2M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
07 of 09
(TPSPA1250) Electrical Characteristics
Part Numbers
L0 Inductance
(µH) ±20% @0A
DCR (mΩ)
Heat Rating Current
Idc (Amp) Typical
Saturation Current
Isat (Amp) Typical
(Typical)
(Max)
TPSPA-1250-R10M
0.10
0.53
0.60
55
118
TPSPA-1250-R22M
0.22
0.64
0.80
51
110
TPSPA-1250-R33M
0.33
0.85
1.10
42
80
TPSPA-1250-R47M
0.47
1.10
1.30
38
65
TPSPA-1250-R56M
0.56
1.30
1.50
36
55
TPSPA-1250-R68M
0.68
1.50
1.70
34
54
TPSPA-1250-R82M
0.82
2.00
2.30
31
53
TPSPA-1250-1R0M
1.0
2.10
2.50
29
50
TPSPA-1250-1R2M
1.2
2.80
3.50
25
49
TPSPA-1250-1R5M
1.5
3.40
4.10
23
48
TPSPA-1250-1R8M
1.8
4.20
4.90
19
40
TPSPA-1250-2R2M
2.2
4.60
5.50
20
32
TPSPA-1250-3R3M
3.3
7.70
9.20
15
32
TPSPA-1250-4R7M
4.7
12.8
15.0
12
27
TPSPA-1250-5R6M
5.6
14.0
16.5
11.5
22
TPSPA-1250-6R8M
6.8
15.4
18.5
11
21
TPSPA-1250-7R8M
7.8
17.2
20.5
10
18
TPSPA-1250-8R2M
8.2
18.9
22.5
9.5
18
TPSPA-1250-100M
10
21.4
25.5
9
16
Note: All test Data is referenced to 25°C ambient.
Typical Heat Rating DC Current would cause an approximately ΔT of 40°C.
Typical Saturation DC Current would cause Lo to drop approximately 20%.
Operating Temperature Range: -25°C to +125°C.
TPSPA High Saturation Power Inductors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TPSPA-1265-2R2M

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPSP1003-01ETG TECHPUBLIC-TPSP1003-01ETG Datasheet
1Mb / 4P
   1-Line Uni-directional TVS Diode
logo
AVX Corporation
TPSP106M010#2000 AVX-TPSP106M010#2000 Datasheet
199Kb / 16P
   Low ESR
logo
TECH PUBLIC Electronics...
TPSP3050-04HTG TECHPUBLIC-TPSP3050-04HTG Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
TPSP3420-04UTG TECHPUBLIC-TPSP3420-04UTG Datasheet
637Kb / 4P
   Low Capactionce 4-Line Uni-directional TVS Diode
logo
Total Power Internation...
TPSPU-40 TOTAL-POWER-TPSPU-40 Datasheet
259Kb / 2P
   40W Desk Top Type I.T.E. Power Supplies
More results

Similar Description - TPSPA-1265-2R2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-5050CE-A1 VISHAY-IHLP-5050CE-A1 Datasheet
151Kb / 5P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050EZ-A1 VISHAY-IHLP-5050EZ-A1 Datasheet
137Kb / 5P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-3232CZ-A1 VISHAY-IHLP-3232CZ-A1 Datasheet
285Kb / 6P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-3232DZ-A1 VISHAY-IHLP-3232DZ-A1 Datasheet
303Kb / 6P
    Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050FD-A1 VISHAY-IHLP-5050FD-A1 Datasheet
155Kb / 6P
   Automotive Inductors, High Saturation
Revision: 08-Jun-17
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01_17 Datasheet
171Kb / 5P
   IHLP Commercial Inductors, High Saturation
Revision: 07-Jun-17
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01_17 Datasheet
135Kb / 5P
   IHLP Commercial Inductors, High Saturation
Revision: 07-Jun-17
IHLP-2525CZ-A1 VISHAY-IHLP-2525CZ-A1_17 Datasheet
157Kb / 4P
    Automotive Inductors, High Saturation Series
Revision: 08-Jun-17
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_17 Datasheet
122Kb / 4P
   IHLP Commercial Inductors, High Saturation Series
Revision: 07-Jun-17
IHLP-4040DZ-01 VISHAY-IHLP-4040DZ-01_17 Datasheet
110Kb / 4P
   IHLP Commercial Inductors, High Saturation Series
Revision: 07-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com