Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPU3308DF Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPU3308DF
Description  TPUDF Wire Wound Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU3308DF Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPU3308DF Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU3308DF Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU3308DF Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU3308DF Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU3308DF Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04 of 05
TPUDF Power Wire Wound Inductors
Version 2010
(TPU3316DF) Electrical Characteristics
(TPU3340DF) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU3316DF - 1R0M
1.00
100
0.009
9.00
TPU3316DF - 1R5M
1.50
100
0.010
8.00
TPU3316DF - 2R2M
2.20
100
0.012
7.00
TPU3316DF - 3R3M
3.30
100
0.015
6.40
TPU3316DF - 4R7M
4.70
100
0.018
5.40
TPU3316DF - 6R8M
6.80
100
0.027
4.60
TPU3316DF - 100M
10.00
100
0.038
3.80
TPU3316DF - 150M
15.00
100
0.046
3.00
TPU3316DF - 220M
22.00
100
0.085
2.60
TPU3316DF - 330M
33.00
100
0.100
2.00
TPU3316DF - 470M
47.00
100
0.140
1.60
TPU3316DF - 680M
68.00
100
0.200
1.40
TPU3316DF - 101M
100.00
100
0.280
1.20
TPU3316DF - 151M
150.00
100
0.400
1.00
TPU3316DF - 221M
220.00
100
0.610
0.80
TPU3316DF - 331M
330.00
100
1.020
0.60
TPU3316DF - 471M
470.00
100
1.270
0.50
TPU3316DF - 681M
680.00
100
2.020
0.40
TPU3316DF - 102M
1000.00
100
3.000
0.30
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU3340DF - 100M
10.00
100
0.040
8.00
TPU3340DF - 150M
15.00
100
0.050
7.00
TPU3340DF - 220M
22.00
100
0.066
5.50
TPU3340DF - 330M
33.00
100
0.080
4.00
TPU3340DF - 470M
47.00
100
0.110
3.80
TPU3340DF - 680M
68.00
100
0.170
3.00
TPU3340DF - 101M
100.00
100
0.220
2.50
TPU3340DF - 151M
150.00
100
0.340
2.00
TPU3340DF - 221M
220.00
100
0.440
1.60
TPU3340DF - 331M
330.00
100
0.700
1.20
TPU3340DF - 471M
470.00
100
0.950
1.00
TPU3340DF - 681M
680.00
100
1.200
1.00
TPU3340DF - 102M
1000.00
100
2.000
0.80
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU3308DF

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU3316DHP TOKEN-TPU3316DHP Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
TPU3316DHP-1R0N TOKEN-TPU3316DHP-1R0N Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
TPU3316DHP-1R5M TOKEN-TPU3316DHP-1R5M Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
TPU3316DHP-2R2M TOKEN-TPU3316DHP-2R2M Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
TPU3316DHP-2R7M TOKEN-TPU3316DHP-2R7M Datasheet
403Kb / 4P
   TPUDHP Wirewound Power Inductors
More results

Similar Description - TPU3308DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com