Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSR63B-560M Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # TPSR63B-560M
Description  TPSRB Wire-Wound Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPSR63B-560M Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  TPSR63B-560M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPSR63B-560M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPSR63B-560M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPSR63B-560M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
(TPSR105B) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (MHz)
DCR (Ω) (max)
IDC (A) (max)
TPSR105B - 100M
10.00
2.52 M
0.060
2.06
TPSR105B - 120M
12.00
2.52 M
0.070
1.94
TPSR105B - 150M
15.00
2.52 M
0.070
1.72
TPSR105B - 180M
18.00
2.52 M
0.080
1.58
TPSR105B - 220M
22.00
2.52 M
0.080
1.42
TPSR105B - 270M
27.00
2.52 M
0.100
1.32
TPSR105B - 330M
33.00
2.52 M
0.110
1.16
TPSR105B - 390M
39.00
2.52 M
0.120
1.10
TPSR105B - 470M
47.00
2.52 M
0.140
1.00
TPSR105B - 560M
56.00
2.52 M
0.190
0.93
TPSR105B - 680M
68.00
2.52 M
0.210
0.85
TPSR105B - 820M
82.00
2.52 M
0.280
0.79
TPSR105B - 101M
100.00
1 K
0.340
0.72
TPSR105B - 121M
120.00
1 K
0.370
0.63
TPSR105B - 151M
150.00
1 K
0.510
0.55
TPSR105B - 181M
180.00
1 K
0.570
0.50
TPSR105B - 221M
220.00
1 K
0.780
0.47
TPSR105B - 271M
270.00
1 K
0.870
0.41
TPSR105B - 331M
330.00
1 K
1.200
0.37
TPSR105B - 391M
390.00
1 K
1.340
0.35
TPSR105B - 471M
470.00
1 K
1.500
0.33
Note: TPSR74B-101 ~ 271 Test Freq.: 1KHz / 0.25V.
TPSR105B-101 ~ 471 Test Freq.: 1KHz / 0.25V.
Operating Temp. : -40°C ~ +85°C.
Inductance drop = 10% typ. at IDC.
Part Number:TPSR63B, TPSR74B, TPSR105B
100
TPSR63B
Inductance
Code
Inductance
100
10.00µH
101
100.00µH
How to Order
M
Tolerance
Code
Tolerance
K
10%
L
15%
M
20%
N
30%
TPSRB Wire-Wound Power Inductors
Back to 1st Page - SMT Power Wire Wound Inductors (TPSRB)
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPSR63B-560M

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
TPSR100A RICHCO-TPSR100A Datasheet
184Kb / 1P
   TR/TRM Series
logo
AVX Corporation
TPSR105*010#9000 AVX-TPSR105*010#9000 Datasheet
199Kb / 16P
   Low ESR
TPSR105*020#6000 AVX-TPSR105*020#6000 Datasheet
199Kb / 16P
   Low ESR
TPSR105*025#2500 AVX-TPSR105*025#2500 Datasheet
199Kb / 16P
   Low ESR
TPSR105*025#4000 AVX-TPSR105*025#4000 Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSR63B-560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
logo
Taiyo Yuden (U.S.A.), I...
BRC2016T101K TAIYO-YUDEN-BRC2016T101K Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRC2016T330M TAIYO-YUDEN-BRC2016T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL1608T1R0M TAIYO-YUDEN-BRL1608T1R0M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T1R5M TAIYO-YUDEN-BRL2012T1R5M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T150M TAIYO-YUDEN-BRL2012T150M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T220M TAIYO-YUDEN-BRL2012T220M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL2012T680M TAIYO-YUDEN-BRL2012T680M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
BRL3225T330M TAIYO-YUDEN-BRL3225T330M Datasheet
138Kb / 1P
   Wire-wound Chip Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com