Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPUD5013 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TPUD5013
Description  TPUD Wire-wound Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPUD5013 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TPUD5013 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPUD5013 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPUD5013 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPUD5013 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPUD5013 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPUD5013 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
03 of 06
TPUD Wire-wound Power Inductor
Version 2010
(TPSH0301) Electrical Characteristics
A
D B
C
E
F
G
I
H
J
K
Land Pattern
4
3
2
1
1
2
4
3
TC
XXX
Type
A(max)
B(max)
C(max)
D
E
F
G
H
I
J
K
TPUD5011
5.8
7.4
1.2
6.0
0.6
4.2
4.5
1.1
3.4
3.6
1.4
TPUD5013
5.8
7.4
1.5
6.0
0.6
4.2
4.5
1.1
3.4
3.6
1.4
Note: Design as Customer’s Requested Specifications.
(TPUD4006) Electrical Characteristics
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω) (max)
IDC (A) (max)
TPUD4006 - 2R2M
2.20
100
0.116
0.95
TPUD4006 - 3R3M
3.30
100
0.174
0.77
TPUD4006 - 4R7M
4.70
100
0.216
0.75
TPUD4006 - 6R8M
6.80
100
0.296
0.62
TPUD4006 - 100M
10.00
100
0.457
0.50
TPUD4006 - 150M
15.00
100
0.676
0.40
TPUD4006 - 220M
22.00
100
1.066
0.30
TPUD4006 - 330M
33.00
100
1.647
0.24
TPUD4006 - 470M
47.00
100
2.843
0.18
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPUD5013

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU104 TOKEN-TPU104 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU105 TOKEN-TPU105 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU106 TOKEN-TPU106 Datasheet
496Kb / 16P
   TPUA SMT Power Inductors
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPUD5013

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCWL252010R47YTFQ SOCAY-SCWL252010R47YTFQ Datasheet
510Kb / 4P
   Wire-wound Type Power Inductor
SCWL252010R47MTF SOCAY-SCWL252010R47MTF Datasheet
203Kb / 5P
   Wire-wound Type Power Inductor
SCWL201610R24MTF SOCAY-SCWL201610R24MTF Datasheet
213Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47MTF SOCAY-SCWL252012R47MTF Datasheet
204Kb / 5P
   Wire-wound Type Power Inductor
SCWL252012R47YTFQ SOCAY-SCWL252012R47YTFQ Datasheet
510Kb / 6P
   Wire-wound Type Power Inductor
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
   Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
WI322522 SUPERWORLD-WI322522_15 Datasheet
260Kb / 5P
   Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
   Wire Wound Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com