Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158CCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4158CCPZ
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158CCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4158CCPZ Datasheet HTML 7Page - Analog Devices ADF4158CCPZ Datasheet HTML 8Page - Analog Devices ADF4158CCPZ Datasheet HTML 9Page - Analog Devices ADF4158CCPZ Datasheet HTML 10Page - Analog Devices ADF4158CCPZ Datasheet HTML 11Page - Analog Devices ADF4158CCPZ Datasheet HTML 12Page - Analog Devices ADF4158CCPZ Datasheet HTML 13Page - Analog Devices ADF4158CCPZ Datasheet HTML 14Page - Analog Devices ADF4158CCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ADF4158
Rev. 0 | Page 11 of 36
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R-counter and N-counter and
produces an output proportional to the phase and frequency
difference between them. Figure 18 shows a simplified sche-
matic of the PFD. The PFD includes a fixed delay element that
sets the width of the antibacklash pulse, which is typically 3 ns.
This pulse ensures that there is no dead zone in the PFD transfer
function and gives a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 18. PFD Simplified Schematic
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4158 allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by the M4, M3, M2, and M1 bits
(see Figure 22). Figure 19 shows the MUXOUT section in
block diagram form.
MUXOUT
DVDD
THREE-STATE OUTPUT
N-DIVIDER OUTPUT
DVDD
DGND
DGND
R-DIVIDER OUTPUT
DIGITAL LOCK DETECT
SERIAL DATA OUTPUT
CLK DIVIDER OUTPUT
R-DIVIDER/2
N-DIVIDER/2
CONTROL
MUX
Figure 19. MUXOUT Schematic
INPUT SHIFT REGISTERS
The ADF4158 digital section includes a 5-bit RF R-counter,
a 12-bit RF N-counter, and a 25-bit FRAC counter. Data is
clocked into the 32-bit shift register on each rising edge of
CLK. The data is clocked in MSB first. Data is transferred
from the shift register to one of eight latches on the rising edge
of LE. The destination latch is determined by the state of the
three control bits (C3, C2, and C1) in the shift register. These
are the three LSBs—DB2, DB1, and DB0—as shown in Figure 2.
The truth table for these bits is shown in Table 6. Figure 20 and
Figure 21 show a summary of how the latches are programmed.
PROGRAM MODES
Table 6 and Figure 22 through Figure 29 show how to set up
the program modes in the ADF4158.
Several settings in the ADF4158 are double buffered. These
include the LSB fractional value, R-counter value, reference
doubler, current setting, and RDIV2. This means that two
events must occur before the part uses a new value for any
of the double-buffered settings. First, the new value is latched
into the device by writing to the appropriate register. Second,
a new write must be performed on Register R0.
For example, updating the fractional value can involve a write
to the 13 LSB bits in R1 and the 12 MSB bits in R0. R1 should
be written to first, followed by the write to R0. The frequency
change begins after the write to R0. Double buffering ensures
that the bits written to in R1 do not take effect until after
the write to R0.
Table 6. C3, C2, and C1 Truth Table
Control Bits
C3
C2
C1
Register
0
0
0
R0
0
0
1
R1
0
1
0
R2
0
1
1
R3
1
0
0
R4
1
0
1
R5
1
1
0
R6
1
1
1
R7


Similar Part No. - ADF4158CCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4158CCPZ AD-ADF4158CCPZ Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
ADF4158CCPZ-RL7 AD-ADF4158CCPZ-RL7 Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
More results

Similar Description - ADF4158CCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4158 AD-ADF4158_18 Datasheet
561Kb / 35P
   Direct Modulation/Waveform Generating Fractional-N Frequency Synthesizer
ADF4169 AD-ADF4169 Datasheet
675Kb / 36P
   Direct Modulation/Fast Waveform Generating, Fractional-N Frequency Synthesizer
ADF4159 AD-ADF4159 Datasheet
627Kb / 36P
   Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
REV. B
ADF4159 AD-ADF4159_14 Datasheet
653Kb / 36P
   Direct Modulation/Fast Waveform Generating,
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72302-21 SKYWORKS-SKY72302-21 Datasheet
180Kb / 23P
   SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com