Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16135 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16135
Description  Precision Angular Rate Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16135 Datasheet(HTML) 1 Page - Analog Devices

  ADIS16135 Datasheet HTML 1Page - Analog Devices ADIS16135 Datasheet HTML 2Page - Analog Devices ADIS16135 Datasheet HTML 3Page - Analog Devices ADIS16135 Datasheet HTML 4Page - Analog Devices ADIS16135 Datasheet HTML 5Page - Analog Devices ADIS16135 Datasheet HTML 6Page - Analog Devices ADIS16135 Datasheet HTML 7Page - Analog Devices ADIS16135 Datasheet HTML 8Page - Analog Devices ADIS16135 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
±300°/Sec
Precision Angular Rate Sensor
ADIS16135
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Digital gyroscope system, ±300°/sec measurement range
In-run bias stability, ~6°/hour
~11°/hour over temperature: −40°C to +85°C
Autonomous operation and data collection
No external configuration commands required
Start-up time: 181 ms; sleep mode recovery: 5 ms
Factory-calibrated sensitivity and bias
Calibration temperature range: −40°C to +85°C
Single serial peripheral interface, SPI compatible
Wide bandwidth: 335 Hz
Embedded temperature sensor
Programmable operation and control
Automatic and manual bias correction controls
Digital filters: Bartlett FIR, average/decimation
Internal sample rate: up to 2048 SPS
Digital I/O: data ready, alarm indicator, general-purpose
Alarms for condition monitoring
Sleep mode for power management
Enable external sample clock input: up to 2048 Hz
Single-supply operation: 4.85 V to 5.15 V
2000 g shock survivability
Operating temperature range: −40°C to +105°C
APPLICATIONS
Precision instrumentation
Platform stabilization and control
Industrial vehicle navigation
Downhole instrumentation
Robotics
GENERAL DESCRIPTION
The ADIS16135 iSensor® is a high performance, digital gyro-
scope sensing system that operates autonomously and requires
no user configuration to produce accurate rate sensing data. It
provides performance advantages with low noise density, wide
bandwidth, and excellent in-run bias stability, which are
enabling for applications such as platform control, navigation,
robotics, and medical instrumentation.
This sensor system combines industry-leading iMEMS® tech-
nology with signal conditioning that optimizes dynamic
performance. The factory calibration characterizes the entire
sensor signal chain for sensitivity and bias over a temperature
range of −40°C to +85°C. As a result, each ADIS16135 has its
own unique correction formulas to produce accurate measure-
ments upon installation. For some systems, the factory calibration
eliminates the need for system-level calibration and greatly
simplifies it for others.
The ADIS16135 samples data at rates of up to 2048 SPS and
offers an averaging/decimation filter structure for optimizing
noise/bandwidth trade-offs. The serial peripheral interface (SPI)
and user register structure provide easy access to configuration
controls and calibrated sensor data for embedded processor
platforms.
The 36 mm × 44 mm × 14 mm package provides four holes for
simple mechanical attachment, using M2 (or 2-56 standard size)
machine screws along with a standard 24-pin, dual-row, 1 mm
pitch connector that supports electrical attachment to a printed
circuit board or cable system. The ADIS16135 provides an
operating temperature range of −40°C to +105°C.
FUNCTIONAL BLOCK DIAGRAM
ADIS16135
CALIBRATION
ALARMS
I/O
SELF-TEST
USER
CONTROL
REGISTERS
SPI
PORT
OUTPUT
DATA
REGISTERS
CLOCK
MEMS
SENSOR
TEMP
SENSOR
POWER
MANAGEMENT
CS
SCLK
DIN
DOUT
GND
VCC
DIO1
CLKIN
DIO2
RST
CONTROLLER
FILTER
Figure 1.


Similar Part No. - ADIS16135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16135BMLZ AD-ADIS16135BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16120 AD-ADIS16120_15 Datasheet
390Kb / 12P
   Low Noise, Angular Rate Sensor
REV. B
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com