Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3226ACPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV3226ACPZ
Description  750 MHz, 16 x 16 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3226ACPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3226ACPZ Datasheet HTML 6Page - Analog Devices ADV3226ACPZ Datasheet HTML 7Page - Analog Devices ADV3226ACPZ Datasheet HTML 8Page - Analog Devices ADV3226ACPZ Datasheet HTML 9Page - Analog Devices ADV3226ACPZ Datasheet HTML 10Page - Analog Devices ADV3226ACPZ Datasheet HTML 11Page - Analog Devices ADV3226ACPZ Datasheet HTML 12Page - Analog Devices ADV3226ACPZ Datasheet HTML 13Page - Analog Devices ADV3226ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADV3226/ADV3227
Rev. 0 | Page 10 of 24
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table1
CE
UPDATE
CLK
DATAIN
DATAOUT
RESET
SER/PAR
Description
1
X
X
X
X
X
X
No change in logic.
0
X
DataI2
DataI-80
X
0
The data on the serial DATAIN line is loaded into the serial register.
The first bit clocked into the serial register appears at DATAOUT 80
clock cycles later.
0
X
0
D0…D4
N/A3 in
parallel
mode4
X
1
The data on the parallel data lines, D0 to D4, are loaded into the
80-bit serial shift register location addressed at A0 to A3.
0
0
X
X
X
1
X
Data in the 80-bit shift register transfers into the parallel latches
that control the switch array. Latches are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled. Second rank
latches are cleared. Remainder of logic is unchanged.
1 X is don’t care.
2 DataI: serial data.
3 N/A means not applicable.
4 DATAOUT remains active in parallel mode and always reflects the state of the MSB of the serial shift register.
D
CLK
Q
A0
A1
A2
CLK
16
256
DATA IN
(SERIAL)
(OUTPUT
ENABLE)
SER/PAR
CE
UPDATE
OUT0 EN
DATA
OUT
PARALLEL
DATA
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D1
D2
D3
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
D Q
CLK
OUT1 EN
OUT2 EN
OUT3 EN
OUT4 EN
OUT5 EN
OUT6 EN
OUT7 EN
D
LE
Q
CLR
OUT15
EN
OUTPUT ENABLE
SWITCH MATRIX
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
D Q
CLK
D4
S
D1
Q
D0
DECODE
D
LE
Q
CLR
OUT0
EN
D
LE
OUT0
B0
Q
D
LE
Q
OUT0
B1
D
LE
Q
OUT0
B2
D
LE
Q
OUT0
B3
D
LE
OUT1
B0
Q
D
LE
Q
CLR
OUT14
EN
D
LE
OUT15
B0
Q
D
LE
OUT15
B1
Q
D
LE
OUT15
B2
Q
D Q
CLK
S
D1
Q
D0
S
D1
Q
D0
S
D1
Q
D0
D
LE
OUT15
B3
Q
OUT8 EN
OUT9 EN
OUT10 EN
OUT11 EN
OUT12 EN
OUT13 EN
OUT14 EN
OUT15 EN
A3
RESET
(OUTPUT ENABLE)
Figure 6. Logic Diagram


Similar Part No. - ADV3226ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Similar Description - ADV3226ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com