Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24640RVAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # bq24640RVAR
Description  High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24640RVAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button bq24640RVAR Datasheet HTML 7Page - Texas Instruments bq24640RVAR Datasheet HTML 8Page - Texas Instruments bq24640RVAR Datasheet HTML 9Page - Texas Instruments bq24640RVAR Datasheet HTML 10Page - Texas Instruments bq24640RVAR Datasheet HTML 11Page - Texas Instruments bq24640RVAR Datasheet HTML 12Page - Texas Instruments bq24640RVAR Datasheet HTML 13Page - Texas Instruments bq24640RVAR Datasheet HTML 14Page - Texas Instruments bq24640RVAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VCC
BTST
HIDRV
PH
REGN
LODRV
GND
TS
CE
VREG
SRP
6V LDO
V(SRP-SRN)
COMP
ERROR
AMPLIFIER
20uA
1V
SRN
STATE
MACHINE
LOGIC
VCC
PH
4V
+
_
BTST
REFRESH
CE
145 degC
IC Tj
TSHUT
SRN+100mV
VCC
SLEEP
LEVEL
SHIFTER
+
-
+
-
+
-
+
-
+
-
V(SRP-SRN)
CHG_OCP
+
-
160% X ISET
SYNCH
SRP-SRN
ISET
5 mV
20X
OUT_OVP
+
-
104% X VREG
LTF
+
-
HTF
VREF
TCO
+
-
+
-
SUSPEND
VCC
ACOV
+
-
VACOV
CE
VREF
STAT
STAT
3.3V
LDO
VCC
bq24640
+
-
+
-
UVLO
VUVLO
VCC
SLEEP
UVLO
PWM
CONTROL
LOGIC
+
-
PWM
+
-
+
-
+
-
PG
+
-
CHARGE
20uA
CHARGE
8mA
OUT_OVP
VOLTAGE
REFERENCE
VREF
PG
1M
FBO
EAO
EAI
VFB
VFB
bq24640
www.ti.com
SLUSA44 – MARCH 2010
BLOCK DIAGRAM
Figure 9. Functional Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24640


Similar Part No. - bq24640RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600RVAR TI-BQ24600RVAR Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
bq24600RVAT TI-bq24600RVAT Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - bq24640RVAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
   High Efficiency Switch Mode Li-Ion Battery Charger
REV. 0
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
   High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Silicon Mitus, Inc.
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
logo
Richtek Technology Corp...
RT9535B RICHTEK-RT9535B Datasheet
1Mb / 18P
   High Efficiency Switching Mode Battery Charger
logo
Rohm
BU1840AMUV-E ROHM-BU1840AMUV-E Datasheet
710Kb / 17P
   For 2Cell Solar,Synchronous Switch-Mode Charger IC
BU1840AMUV ROHM-BU1840AMUV Datasheet
710Kb / 17P
   For 2Cell Solar, Synchronous Switch-Mode Charger IC
logo
Monolithic Power System...
MP26075 MPS-MP26075 Datasheet
306Kb / 12P
   High Efficiency Cradle Charger
logo
JILIN SINO-MICROELECTRO...
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
   High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com