Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3283IRGZT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3283IRGZT
Description  Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3283IRGZT Datasheet(HTML) 1 Page - Texas Instruments

  DAC3283IRGZT Datasheet HTML 1Page - Texas Instruments DAC3283IRGZT Datasheet HTML 2Page - Texas Instruments DAC3283IRGZT Datasheet HTML 3Page - Texas Instruments DAC3283IRGZT Datasheet HTML 4Page - Texas Instruments DAC3283IRGZT Datasheet HTML 5Page - Texas Instruments DAC3283IRGZT Datasheet HTML 6Page - Texas Instruments DAC3283IRGZT Datasheet HTML 7Page - Texas Instruments DAC3283IRGZT Datasheet HTML 8Page - Texas Instruments DAC3283IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DAC3283
www.ti.com
SLAS693A – MARCH 2010 – REVISED APRIL 2010
Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
Check for Samples: DAC3283
1
FEATURES
APPLICATIONS
Cellular Base Stations
Dual, 16-Bit, 800 MSPS DACs
Diversity Transmit
8-Bit Input LVDS Data Bus
Wideband Communications
Byte-Wide Interleaved Data Load
Digital Synthesis
8 Sample Input FIFO
Optional Data Pattern Checker
DESCRIPTION
Multi-DAC Synchronization
The DAC3283 is a dual-channel 16-bit 800 MSPS
Selectable 2x-4x Interpolation Filters
digital-to-analog converter (DAC) with an 8-bit LVDS
Stop-Band Attenuation > 85 dB
input data bus with on-chip termination, optional
2x-4x interpolation filters, digital IQ compensation and
Fs/2 and ± Fs/4 Coarse Mixer
internal voltage reference. The DAC3283 offers
Digital Quadrature Modulator Correction
superior linearity, noise and crosstalk performance.
Gain, Phase and Offset Correction
Input data can be interpolated by 2x or 4x through
Temperature Sensor
on-chip interpolating FIR filters with over 85 dB of
3- or 4-Wire Serial Control Interface
stop-band attenuation. Multiple DAC3283 devices can
be fully synchronized.
On-Chip 1.2-V Reference
Differential Scalable Output: 2 to 20 mA
The DAC3283 allows either a complex or real output.
An optional coarse mixer in complex mode provides
Single-Carrier TM1 WCDMA ACLR: 82 dBc at
frequency upconversion and the dual DAC output
fOUT = 122.88 MHz
produces a complex Hilbert Transform pair. The
Low Power: 1.3 W at 800 MSPS
digital IQ compensation feature allows optimization of
Space Saving Package: 48-pin 7×7mm QFN
phase, gain and offset to maximize sideband rejection
and
minimize
LO
feed-through
of
an
external
quadrature modulator performing the final single
sideband RF up-conversion.
The DAC3283 is characterized for operation over the
entire industrial temperature range of –40°C to 85°C
and is available in a 48-pin 7×7mm QFN package.
ORDERING INFORMATION
TA
ORDER CODE
PACKAGE DRAWING/TYPE(1) (2) (3)
TRANSPORT MEDIA
QUANTITY
DAC3283IRGZT
250
–40°C to 85°C
RGZ/64QFN Quad Flatpack No-Lead
Tape and Reel
DAC3283IRGZR
2000
(1)
Thermal Pad Size: 5,6 mm × 5,6 mm
(2)
MSL Peak Temperature: Level-3-260C-168 HR
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC3283IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI-DAC3283 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3283 TI1-DAC3283 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC3283IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3283 TI1-DAC3283_14 Datasheet
1Mb / 63P
[Old version datasheet]   Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC3283 TI-DAC3283_15 Datasheet
1Mb / 67P
[Old version datasheet]   DAC3283 Dual-Channel, 16-Bit, 800 MSPS, Digital-to-Analog Converter (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com