Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199A2 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA199A2
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199A2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA199A2 Datasheet HTML 7Page - Texas Instruments INA199A2 Datasheet HTML 8Page - Texas Instruments INA199A2 Datasheet HTML 9Page - Texas Instruments INA199A2 Datasheet HTML 10Page - Texas Instruments INA199A2 Datasheet HTML 11Page - Texas Instruments INA199A2 Datasheet HTML 12Page - Texas Instruments INA199A2 Datasheet HTML 13Page - Texas Instruments INA199A2 Datasheet HTML 14Page - Texas Instruments INA199A2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Output
INA199Ax
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01mF
to
0.1mF
+2.7Vto+26V
REF
R
1
R
3
R
2
R
4
RSHUNT
INA199Ax
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1MW
R
PROTECT
10W
R
PROTECT
10W
R
3
1MW
R
4
INA199A1
INA199A2
INA199A3
www.ti.com
SBOS469B – MAY 2009 – REVISED FEBRUARY 2010
REF INPUT IMPEDANCE EFFECTS
USING THE INA199Ax WITH COMMON-MODE
TRANSIENTS ABOVE 26V
As with any difference amplifier, the INA199Ax series
common-mode rejection ratio is affected by any
With a small amount of additional circuitry, the
impedance present at the REF input. This concern is
INA199Ax series can be used in circuits subject to
not a problem when the REF pin is connected directly
transients higher than 26V, such as automotive
to most references or power supplies. When using
applications. Use only zener diode or zener-type
resistive dividers from the power supply or a
transient
absorbers
(sometimes
referred
to
as
reference voltage, the REF pin should be buffered by
Transzorbs); any other type of transient absorber has
an op amp.
an unacceptable time delay. Start by adding a pair of
resistors as shown in Figure 24 as a working
In systems where the INA199Ax output can be
impedance for the zener. It is desirable to keep these
sensed differentially, such as by a differential input
resistors as small as possible, most often around
analog-to-digital converter (ADC) or by using two
10
Ω. Larger values can be used with an effect on
separate
ADC
inputs,
the
effects
of
external
gain that is discussed in the section on input filtering.
impedance on the REF input can be cancelled.
Because this circuit limits only short-term transients,
Figure 23 depicts a method of taking the output from
many applications are satisfied with a 10
Ω resistor
the INA199Ax by using the REF pin as a reference.
along with conventional zener diodes of the lowest
power rating that can be found. This combination
uses the least amount of board space. These diodes
can be found in packages as small as SOT-523 or
SOD-523.
Figure 23. Sensing INA199Ax to Cancel Effects of
Impedance on the REF Input
Figure 24. INA199Ax Transient Protection Using
Dual Zener Diodes
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA199A1 INA199A2 INA199A3


Similar Part No. - INA199A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A2 TI1-INA199A2 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2 TI-INA199A2 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2 TI1-INA199A2 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA199A2DCKR TI-INA199A2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2DCKR TI1-INA199A2DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com