Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM368 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM368
Description  Digital Media System-on-Chip (DMSoC)
Download  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM368 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM368 Datasheet HTML 1Page - Texas Instruments TMS320DM368 Datasheet HTML 2Page - Texas Instruments TMS320DM368 Datasheet HTML 3Page - Texas Instruments TMS320DM368 Datasheet HTML 4Page - Texas Instruments TMS320DM368 Datasheet HTML 5Page - Texas Instruments TMS320DM368 Datasheet HTML 6Page - Texas Instruments TMS320DM368 Datasheet HTML 7Page - Texas Instruments TMS320DM368 Datasheet HTML 8Page - Texas Instruments TMS320DM368 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 208 page
background image
TMS320DM368
www.ti.com
SPRS668A – APRIL 2010
TMS320DM368
Digital Media System-on-Chip (DMSoC)
Check for Samples: TMS320DM368
1
TMS320DM368 Digital Media System-on-Chip (DMSoC)
1.1
Features
12
• Highlights
• ARM926EJ-S™ Core
– High-Performance Digital Media
– Support for 32-Bit and 16-Bit
System-on-Chip (DMSoC)
(Thumb® Mode) Instruction Sets
– 432-MHz ARM926EJ-S Clock Rate
– DSP Instruction Extensions and Single Cycle
MAC
– Two Video Image Co-processors
(HDVICP, MJCP) Engines
– ARM® Javelle® Technology
– Supports a Range of Encode, Decode, and
– Embedded ICE-RT Logic for Real-Time
Video Quality Operations
Debug
– Video Processing Subsystem
• ARM9 Memory Architecture
HW Face Detect Engine
– 16K-Byte Instruction Cache
Resize Engine from 1/16x to 8x
– 8K-Byte Data Cache
16-Bit Parallel AFE (Analog Front-End)
– 32K-Byte RAM
Interface Up to 120 MHz
– 16K-Byte ROM
4:2:2 (8-/16-bit) Interface
– Little Endian
3 DACs for HD Analog Video Output
• Two Video Image Co-processors
Hardware On-Screen Display (OSD)
(HDVICP, MJCP) Engines
– Capable of 1080p 30fps H.264 video
– Support a Range of Encode and Decode
processing
Operations
– Peripherals include EMAC, USB 2.0 OTG,
– H.264, MPEG4, MPEG2, MJPEG, JPEG,
DDR2/NAND, 5 SPIs, 2 UARTs, 2
WMV9/VC1
MMC/SD/SDIO, Key Scan
• Video Processing Subsystem
– 8 Different Boot Modes and Configurable
– Front End Provides:
Power-Saving Modes
HW Face Detect Engine
– Pin-to-pin and software compatible with
Hardware IPIPE for Real-Time Image
DM365
Processing
– Extended temperature (-40ºC – 85ºC)
Resize Engine
available
Resize Images From 1/16x to 8x
– 3.3-V and 1.8-V I/O, 1.35-V Core
Separate Horizontal/Vertical
– Debug Interface Support
Control
– 338-Pin Ball Grid Array at 65nm Process
Two Simultaneous Output Paths
Technology
IPIPE Interface (IPIPEIF)
• High-Performance Digital Media
Image Sensor Interface (ISIF) and CMOS
System-on-Chip (DMSoC)
Imager Interface
– 432-MHz ARM926EJ-S Clock Rate
16-Bit Parallel AFE (Analog Front End)
– 4:2:2 (8-/16-Bit) Interface
Interface Up to 120 MHz
– Capable of 1080p 30fps H.264 video
Glueless Interface to Common Video
processing
Decoders
– Pin compatible with DM365 processors
BT.601/BT.656/BT.1120 Digital YCbCr
– Fully Software-Compatible With ARM9™
4:2:2 (8-/16-Bit) Interface
– Extended temperature available for 432-Mhz
Histogram Module
device
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM368

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM368 TI-TMS320DM368 Datasheet
1Mb / 208P
[Old version datasheet]   TMS320DM368 Digital Media System-on-chip(DMSoC)
TMS320DM368 TI1-TMS320DM368 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCE TI-TMS320DM368ZCE Datasheet
1Mb / 208P
[Old version datasheet]   TMS320DM368 Digital Media System-on-chip(DMSoC)
TMS320DM368ZCE TI1-TMS320DM368ZCE Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM368

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com