Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA600W1KKC Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # DRA600W1KKC
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRA600W1KKC Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  DRA600W1KKC Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRA600W1KKC Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(DR-B) 15W ~ 20000W Dimensions
03 of 09
M
H
q
Q
L2
R
L1
d
N
L3
Round-Wirewound Power Resistor
(DR-B) N - No mount Dimensions
Round-Wirewound Power Resistor
(DR-B) Z - Vertical mount Dimensions
Round-Wirewound Power Resistor
(DR-B) G - Horizontal mount Dimensions
Wattage
Rating
Dimensions (mm)
Resitance
Range
R
L1
L2
L3
H
N
d
M
q
Q
15W
15
45
65
85
40
6
3.5 3.5 4.5
15
1~1KΩ
20W
15
50
70
90
40
6
3.5 3.5 4.5
15
1~1KΩ
25W
20
50
80
100
50
6
3.5 5
5
20
2~1KΩ
30W
20
70
100
120
50
6
3.5 5
5
20
2~1KΩ
40W
20
87
115
137
50
6
3.5 5
5
20
2~1KΩ
50W
28
90
115
143
68
9
4.5 5.5
6
27
5~1KΩ
80W
28
90
115
143
68
9
4.5 5.5
6
27
5~2KΩ
100W
28
170
195
223
68
9
4.5 5.5
6
27
10~3KΩ
150W
28
215
240
268
68
9
4.5 5.5
6
27
10~3KΩ
200W
28
267
292
320
68
9
4.5 5.5
6
27
10~5KΩ
250W
28
267
292
320
68
9
4.5 5.5
6
27
10~5KΩ
300W
40
267
300
343
90
10
4.5 6
6
39
20~5KΩ
400W
40
330
365
406
90
10
4.5 6
6
39
20~5KΩ
500W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
600W
50
330
365
415
98
10
6
8.5
8
49
20~5KΩ
700W
50
400
435
485
95
10
6
8.5
8
49
20~5KΩ
800W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1000W
70
300
320
362
138
15
8
-
8
69
40~500Ω
1500W
70
415
435
477
138
15
8
-
8
69
40~500Ω
2000W
70
510
530
572
138
15
8
-
8
69
40~500Ω
2500W
70
600
620
662
138
15
8
-
8
69
40~500Ω
3000W
70
600
620
662
138
15
8
-
8
69
40~500Ω
4000W
100
430
450
521
185
15
8
-
8
99
40~500Ω
5000W
100
500
620
691
185
15
8
-
8
99
40~500Ω
6000W
100
600
720
791
185
15
8
-
8
99
40~500Ω
10000W
150
600
625
720
350
30
8
-
10 150
40~500Ω
12000W
150
660
685
780
350
30
8
-
10 150
40~500Ω
15000W
150
660
685
780
350
30
8
-
10 150
40~500Ω
20000W
150
1000
1030
1120
350
30
8
-
10 150
40~500Ω
DR Round-Wirewound Power Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRA600W1KKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA648 TI1-DRA648 Datasheet
62Kb / 7P
[Old version datasheet]   High-Performance Automotive Media
DRA64x TI1-DRA64x Datasheet
62Kb / 7P
[Old version datasheet]   High-Performance Automotive Media
DRA658 TI1-DRA658 Datasheet
62Kb / 7P
[Old version datasheet]   High-Performance Automotive Media
DRA65x TI1-DRA65x Datasheet
62Kb / 7P
[Old version datasheet]   High-Performance Automotive Media
More results

Similar Description - DRA600W1KKC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com