Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPU32-101K Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TPU32-101K
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU32-101K Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TPU32-101K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU32-101K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
01 of 16
Version 2010
SMT Unshielded
Power Inductors
TPU×××A SMT Power Inductors
Token has extended range of power inductors
with new series (TPU×××A)
Preview
Miniaturisation of today’s electrical and electronic devices requires component manufacturers to increase the
performance of components without increasing footprint. Token’s latest (TPU×××A) wirewound chip inductor
series offers improved performance in the same compact, low-profile case size.
The (TPU×××A) series is designed for DC-DC converter applications and features reduced DC resistance and
increased allowable current. In DC-DC converters and power supplies, the performance of the power components
directly affects the overall efficiency of the supply, so it is of paramount importance.
The TPU31A series of wirewound chip inductors is low profile at 1.1±0.3 mm maximum and is available in 1.0
uH to 120 uH denominations. The series features low DC resistance, down to 0.06 Ω, and high rated current; up
to 1.4A is supported. All parts are low cast with open magnetic circuit construction and good for high mounting
density.
Full (TPU×××A) series conform to the RoHS directive and Lead-free. Custom parts are available on request.
Token will also produce devices outside these specifications to meet specific customer requirements, please
contact our sales for more information.
Features :
- Compact size and thin.
- Open magnetic circuit construction.
- The electrode with ferrite core directly,
good for high mounting density.
Applications :
- VTR, OA equipment, LCD television set, Notebook.
- Portable communication equipments,
DC/DC converters, etc..
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU32-101K

ManufacturerPart #DatasheetDescription
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
   Teletext Processors
TPU3040 MICRONAS-TPU3040 Datasheet
1Mb / 73P
   Teletext Processors
TPU3041 MICRONAS-TPU3041 Datasheet
378Kb / 21P
   Cyrillic/Greek Teletext Processor
logo
Token Electronics Indus...
TPU3308DF TOKEN-TPU3308DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU3308DF-100M TOKEN-TPU3308DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPU32-101K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com