Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA199A2RSWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA199A2RSWR
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA199A2RSWR Datasheet(HTML) 3 Page - Texas Instruments

  INA199A2RSWR Datasheet HTML 1Page - Texas Instruments INA199A2RSWR Datasheet HTML 2Page - Texas Instruments INA199A2RSWR Datasheet HTML 3Page - Texas Instruments INA199A2RSWR Datasheet HTML 4Page - Texas Instruments INA199A2RSWR Datasheet HTML 5Page - Texas Instruments INA199A2RSWR Datasheet HTML 6Page - Texas Instruments INA199A2RSWR Datasheet HTML 7Page - Texas Instruments INA199A2RSWR Datasheet HTML 8Page - Texas Instruments INA199A2RSWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
INA199A1
INA199A2
INA199A3
www.ti.com
SBOS469B – MAY 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +105°C.
At TA = +25°C, VS = +5V, VIN+ = 12V, VSENSE = VIN+ – VIN–, and VREF = VS/2, unless otherwise noted.
INA199A1, INA199A2, INA199A3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Common-Mode Input Range
VCM
–0.3
26
V
Common-Mode Rejection
CMR
VIN+ = 0V to +26V, VSENSE = 0mV
100
120
dB
Offset Voltage, RTI(1)
VOS
VSENSE = 0mV
±5
±150
mV
vs Temperature
dVOS/dT
0.1
0.5
mV/°C
vs Power Supply
PSR
VS = +2.7V to +18V, VIN+ = +18V,
±0.1
mV/V
VSENSE = 0mV
Input Bias Current
IB
VSENSE = 0mV
28
mA
Input Offset Current
IOS
VSENSE = 0mV
±0.02
mA
OUTPUT
Gain
G
INA199A1
50
V/V
INA199A2
100
V/V
INA199A3
200
V/V
Gain Error
VSENSE = –5mV to 5mV
±0.03
±1.5
%
vs Temperature
3
10
ppm/°C
Nonlinearity Error
VSENSE = –5mV to 5mV
±0.01
%
Maximum Capacitive Load
No Sustained Oscillation
1
nF
VOLTAGE OUTPUT(2)
RL = 10kΩ to GND
Swing to V+ Power-Supply Rail
(V+) – 0.05
(V+) – 0.2
V
Swing to GND
(VGND) + 0.005
(VGND) + 0.05
V
FREQUENCY RESPONSE
Bandwidth
GBW
CLOAD = 10pF
14
kHz
Slew Rate
SR
0.4
V/ms
NOISE, RTI(1)
Voltage Noise Density
25
nV/
√Hz
POWER SUPPLY
Operating Voltage Range
VS
+2.7
+26
V
–20°C to +85°C
+2.5
+26
V
Quiescent Current
IQ
VSENSE = 0mV
65
100
mA
Over Temperature
115
mA
TEMPERATURE RANGE
Specified Range
–40
+105
°C
Operating Range
–40
+125
°C
Thermal Resistance
q JA
SC70
250
°C/W
(1)
RTI = Referred-to-input.
(2)
See Typical Characteristic curve, Output Voltage Swing vs Output Current (Figure 6).
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA199A1 INA199A2 INA199A3


Similar Part No. - INA199A2RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A2RSWR TI-INA199A2RSWR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2RSWR TI1-INA199A2RSWR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
More results

Similar Description - INA199A2RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com