Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMG20FT0R1 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RMG20FT0R1
Description  RMG20 TO-220 Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG20FT0R1 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RMG20FT0R1 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG20FT0R1 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG20FT0R1 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
RMG20 TO-220 Power Resistors
Preview
Providing design engineers with superior heat dissipation in
a standard industry-recognised package, Token Electronics
has introduced a TO220-style power resistor using a highly
reliable, economical copper thick film.
The RMG20 Series, designed by Token, are rugged resistors
feature noninductive performance and low thermal
resistance, making them ideal for a variety of industrial
applications such as power supplies, industrial controls and
automotive, where cost effective performance and reliability
are paramount.
The non-noble copper ink construction of the RMG20 Series
resistor makes it an efficient alternative to other thick film leaded power resistors while maintaining the excellent
thermal conductivity and heat dissipation necessary for demanding power applications.
With low resistance values at higher power ratings, Token’s proprietary resistor element ensures design engineers
the highest quality noninductive performance in an efficient package.
Operating temperatures range from -65°C to +150°C.
Constructed with proprietary thick-film copper conductors and alloy resistors on an alumina ceramic substrate,
the RMG20 Series resistor features low thermal impedance for high power dissipation. Contact us with your
specific needs.
Power Resistors (TO-220 RMG20) Deliver
Thermal Efficiency
TO-220
Power Resistors
Features
- Molded Case for Protection and Easy to Mount.
- 20 Watt at 25°C Case Temperature Heat Sink Mounted.
- Isolated Case, Non Inductive, TO-220 Style Power Package.
Applications
- VHF Amplifiers, Snubber Circuits, Voltage Regulation, Load Resistor for Pulse Generators,
High Speed Switching Power Supplies.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMG20FT0R1

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG100DP0R1 TOKEN-RMG100DP0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10K TOKEN-RMG100DP10K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP10R TOKEN-RMG100DP10R Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DP1K TOKEN-RMG100DP1K Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
RMG100DPD0R1 TOKEN-RMG100DPD0R1 Datasheet
379Kb / 3P
   RMG100 TO-247 Power Resistors
More results

Similar Description - RMG20FT0R1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
   35W TO-220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
   20W TO-220 HIGH POWER RESISTORS
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-0R05J1 RIEDON-PF2203-0R05J1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com