Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1644P-120+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1644P-120+
Description  Nonvolatile Timekeeping RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1644P-120+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1644P-120+ Datasheet HTML 1Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 2Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 3Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 4Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 5Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 6Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 7Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 8Page - Maxim Integrated Products DS1644P-120+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS1644/DS1644P
5 of 14
DS1644 REGISTER MAP—BANK1 Table 2
DATA
ADDRESS
B7
B6
B5
B4
B3
B2
B1
B0
FUNCTION
7FFF
Year
00-99
7FFE
X
X
X
Month
01-12
7FFD
X
X
-
Date
01-31
7FFC
X
FT
X
X
X
Day
01-07
7FFB
X
X
Hour
00-23
7FFA
X
Minutes
00-59
7FF9
OSC
Seconds
00-59
7FF8
W
R
X
X
X
X
X
X
Control
A
OSC = STOP BIT
R = READ BIT
FT = FREQUENCY TEST
W = WRITE BIT
X = UNUSED
Note: All indicated “X” bits are unused but must be set to “0” during write cycles to ensure proper clock
operation.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1644 is in the read mode whenever WE (write enable) is high, and CE (chip enable) is low. The
device architecture allows ripple-through access to any of the address locations in the NV SRAM. Valid
data will be available at the DQ pins within tAA after the last address input is stable, providing that the CE
and OE access times and states are satisfied. If CE or OE access times are not met, valid data will be
available at the latter of chip enable access (tCEA) or at output enable access time (tOEA). The state of the
data input/output pins (DQ) is controlled by CE and OE . If the outputs are activated before tAA, the data
lines are driven to an intermediate state until tAA. If the address inputs are changed while CE and OE
remain valid, output data will remain valid for output data hold time (tOH) but will then go indeterminate
until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1644 is in the write mode whenever WE and CE are in their active state. The start of a write is
referenced to the latter occurring high to low transition of WE or CE . The addresses must be held valid
throughout the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of
another read or write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDH
afterward. In a typical application, the OE signal will be high during a write cycle. However, OE can be
active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE
transitioning low the data bus can become active with read data defined by the address inputs. A low
transition on WE will then disable the outputs tWEZ after WE goes active.


Similar Part No. - DS1644P-120+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1644P-120 DALLAS-DS1644P-120 Datasheet
302Kb / 13P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS1644P-120+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
DS1647 DALLAS-DS1647 Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com