Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12CR887-33+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS12CR887-33+
Description  RTCs with Constant-Voltage Trickle Charger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12CR887-33+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS12CR887-33+ Datasheet HTML 3Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 4Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 5Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 6Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 7Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 8Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 9Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 10Page - Maxim Integrated Products DS12CR887-33+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RTCs with Constant-Voltage Trickle Charger
_____________________________________________________________________
7
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tRPU
20
200
ms
VCC Fall Time; VPF(MAX) to
VPF(MIN)
tF
300
µs
VCC Rise Time; VPF(MIN) to
VPF(MAX)
tR
0µs
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
Except X1 and X2
CIN
(Note 9)
10
pF
Capacitance on IRQ, SQW, and
DQ Pins
CIO
(Note 9)
10
pF
DATA RETENTION (DS12CR887)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data Retention
tDR
TA = +25°C
5
Years
AC TEST CONDITIONS
PARAMETER
TEST CONDITIONS
Input Pulse Levels (-5)
0 to 3.0V
Input Pulse Levels (-33)
0 to 2.7V
Output Load Including Scope and Jig (-5)
50pF + 1TTL Gate
Output Load Including Scope and Jig (-33)
25pF + 1TTL Gate
Input and Output Timing Measurement Reference Levels
Input/Output: VIL maximum and VIH minimum
Input-Pulse Rise and Fall Times
5ns
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode may cause loss of data.
Note 1:
Limits at -40°C are guaranteed by design and not production tested.
Note 2:
All voltages are referenced to ground.
Note 3:
All outputs are open.
Note 4:
Specified with CS = DS = R/W = RESET = VCC; MOT, AS, AD0–AD7 = 0; VBACKUP open.
Note 5:
Applies to the AD0 to AD7 pins, the IRQ pin, and the SQW pin when each is in a high-impedance state.
Note 6:
The MOT pin has an internal 20k
Ω pulldown.
Note 7:
Measured with a 32.768kHz crystal attached to X1 and X2.
Note 8:
Measured with a 50pF capacitance load.
Note 9:
Guaranteed by design. Not production tested.


Similar Part No. - DS12CR887-33+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12CR887-33 DALLAS-DS12CR887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR887-33 MAXIM-DS12CR887-33 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
More results

Similar Description - DS12CR887-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com