Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1877 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1877
Description  SFP Controller for Dual Rx Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1877 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1877 Datasheet HTML 6Page - Maxim Integrated Products DS1877 Datasheet HTML 7Page - Maxim Integrated Products DS1877 Datasheet HTML 8Page - Maxim Integrated Products DS1877 Datasheet HTML 9Page - Maxim Integrated Products DS1877 Datasheet HTML 10Page - Maxim Integrated Products DS1877 Datasheet HTML 11Page - Maxim Integrated Products DS1877 Datasheet HTML 12Page - Maxim Integrated Products DS1877 Datasheet HTML 13Page - Maxim Integrated Products DS1877 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
SFP Controller for Dual Rx Interface
10
Pin Configuration
Pin Description
THIN QFN
(5mm × 5mm × 0.8mm)
TOP VIEW
26
27
25
24
10
9
11
12
1
2
N.C.
4
5
6
7
20
21
19
17
16 15
VCC
LOSOUT
RSSI2P
N.C.
DNC
RSEL
3
18
28
8
OUTX
GND
N.C.
23
13 RSSI2N
N.C.
22
14 RSSI1P
REFIN
DS1877
*EP
+
*EXPOSED PAD.
PIN
NAME
FUNCTION
1
RSELOUT
Rate-Select Output
2
SCL
I2C Serial-Clock Input
3
SDA
I2C Serial-Data Input/Output
4
FAULT
Transmit Fault Input and Output,
Open Drain
5
LOS1
Loss-of-Signal Input 1
6
INX
Digital Input. General-purpose
input, AS1 in SFF-8079, or RS1
in SFF-8431.
7
LOS2
Loss-of-Signal Input 2
8, 18, 21
GND
Ground Connection
9
RSEL
Rate-Select Input
10
DNC
Do Not Connect
11, 15, 23,
24, 25
N.C.
No Connection. Not internally
connected.
PIN
NAME
FUNCTION
12, 13
RSSI2P,
RSSI2N
Differential External Monitor Input
2 and LOS2 LO Quick Trip
14, 17
RSSI1P,
RSSI1N
Differential External Monitor Input
1 and LOS1 LO Quick Trip
16, 26
VCC
Power-Supply Input
19
DAC2
DAC2, Delta-Sigma Output
20
DAC1
DAC1, Delta-Sigma Output
22
REFIN
Reference Input for DAC1 and
DAC2
27
LOSOUT
Receive Loss-of-Signal Output
28
OUTX
Digital Output. General-purpose
output, AS1 output in SFF-8079,
or RS1 output in SFF-8431.
EP
Exposed Pad (Connect to GND)


Similar Part No. - DS1877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
More results

Similar Description - DS1877

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com