Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2784 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS2784
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS2784_10 Datasheet HTML 7Page - Maxim Integrated Products DS2784_10 Datasheet HTML 8Page - Maxim Integrated Products DS2784_10 Datasheet HTML 9Page - Maxim Integrated Products DS2784_10 Datasheet HTML 10Page - Maxim Integrated Products DS2784_10 Datasheet HTML 11Page - Maxim Integrated Products DS2784_10 Datasheet HTML 12Page - Maxim Integrated Products DS2784_10 Datasheet HTML 13Page - Maxim Integrated Products DS2784_10 Datasheet HTML 14Page - Maxim Integrated Products DS2784_10 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
11 of 43
POWER MODES
The DS2784 has two power modes: Active and Sleep. On initial power-up, the DS2784 defaults to Active mode. In
Active mode, the DS2784 is fully functional with measurements and capacity estimation registers continuously
updated. The protector circuit monitors the battery voltages and current for unsafe conditions. The protection FET
gate drivers are enabled when conditions are deemed safe. Also, the SHA-1 authentication function is available in
Active mode. When a SHA-1 computation is performed, the supply current increases to IDD3 for tSHA. In Sleep mode,
the DS2784 conserves power by disabling measurement and capacity estimation functions, but preserves register
contents. Gate drive to the protection FETs is disabled in Sleep. And the SHA-1 authentication feature is not
operational.
Sleep mode is entered under two different conditions: bus low and undervoltage. An enable bit makes entry into
Sleep optional for each condition. Sleep mode is not entered if a charger is connected (VPLS > VDD + 50mV) or if a
charge current of 1.6mV / RSNS is measured from SNS to VSS. The DS2784 exits Sleep mode upon charger
connection and VIN ≥ VUV or a low to high transition on DQ.
The bus-low condition, where the DQ pin is low for tSLEEP, indicates pack removal or system shutdown in which the
1-Wire bus pullup voltage, VPULLUP, is not present. The Power mode (PMOD) bit must be set to enter Sleep when a
bus-low condition occurs. After the DS2784 enters Sleep due to a bus-low condition, it is assumed that no charge
or discharge current will flow and that coulomb counting is unnecessary.
The second condition to enter Sleep is an undervoltage condition, which reduces battery drain due to the DS2784
supply current and prevents over discharging the cell. The DS2784 transitions to Sleep if the VIN voltage is less
than VUV (2.45V typical) and the undervoltage enable (UVEN) bit is set. The 1-Wire bus must be in a static state,
that is, with DQ either high or low for tSLEEP. The DS2784 transitions from UVEN Sleep to Active mode when DQ
changes logic state.
The DS2784 has the “power switch” capability for waking the device and enabling the protection FETs when the
host system is powered down. A simple dry-contact switch on the PIO pin or DQ pin can be used to wake up the
battery pack. The power switch function is enabled using the PSPIO and PSDQ configuration bits in the control
register. When PSPIO or PSDQ is set and a Sleep condition is satisfied, the PIO and DQ pins pull high weakly,
then become armed to detect a low-going transition. A 100ms debounce period filters out glitches that can be
caused when a sleeping battery is inserted into a system.


Similar Part No. - DS2784_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results

Similar Description - DS2784_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com