Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12887A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS12887A
Description  Real-Time Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12887A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS12887A Datasheet HTML 7Page - Maxim Integrated Products DS12887A Datasheet HTML 8Page - Maxim Integrated Products DS12887A Datasheet HTML 9Page - Maxim Integrated Products DS12887A Datasheet HTML 10Page - Maxim Integrated Products DS12887A Datasheet HTML 11Page - Maxim Integrated Products DS12887A Datasheet HTML 12Page - Maxim Integrated Products DS12887A Datasheet HTML 13Page - Maxim Integrated Products DS12887A Datasheet HTML 14Page - Maxim Integrated Products DS12887A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Real-Time Clocks
____________________________________________________________________
11
Detailed Description
The DS12885 family of RTCs provide 14 bytes of real-
time clock/calendar, alarm, and control/status registers
and 114 bytes (113 bytes for DS12C887 and
DS12C887A) of nonvolatile, battery-backed static RAM.
A time-of-day alarm, three maskable interrupts with a
common interrupt output, and a programmable square-
wave output are available. The devices also operate in
either 24-hour or 12-hour format with an AM/PM indica-
tor. A precision temperature-compensated circuit moni-
tors the status of VCC. If a primary power-supply failure
is detected, the devices automatically switch to a back-
up supply. The backup supply input supports a primary
battery, such as lithium coin cell. The devices are
accessed through a multiplexed address/data bus that
supports Intel and Motorola modes.
Oscillator Circuit
The DS12885 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 1 specifies several crys-
tal parameters for the external crystal. Figure 1 shows a
functional schematic of the oscillator circuit. An enable
bit in the control register controls the oscillator.
Oscillator startup times are highly dependent upon
crystal characteristics, PC board leakage, and layout.
High ESR and excessive capacitive loads are the major
contributors to long startup times. A circuit using a
crystal with the recommended characteristics and
proper layout usually starts within one second.
An external 32.768kHz oscillator can also drive the
DS12885. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is left
unconnected.
COUNTDOWN
CHAIN
X1
X2
CRYSTAL
CL1CL2
RTC REGISTERS
DS12885
Figure 1. Oscillator Circuit Showing Internal Bias Network
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
Frequency
fO
32.768
kHz
Series
Resistance
ESR
50
k
Ω
Load
Capacitance
CL
6pF
Table 1. Crystal Specifications*
*
The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks
for
additional specifications.


Similar Part No. - DS12887A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12887A MAXIM-DS12887A Datasheet
217Kb / 2P
   Real-Time Clock
073102
logo
Dallas Semiconductor
DS12887A DALLAS-DS12887A Datasheet
17Kb / 1P
   Real Time Clock
logo
Maxim Integrated Produc...
DS12887A MAXIM-DS12887A Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
DS12887A++ MAXIM-DS12887A+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
More results

Similar Description - DS12887A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com