Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5924BEUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5924BEUB
Description  1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5924BEUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5924BEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5924BEUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
19-3443; Rev 3; 4/10
1V to 13.2V, n-Channel Hot-Swap Controllers
Require No Sense Resistor
N
MAX5925
MAX5926
SC_DET
GND
VCC
REMOVABLE CARD
2.25V TO 13.2V
BACKPLANE
CB
SENSE
GATE
GND
VS
1V TO VCC
VCC
OUT
RSC
RCB
VOUT
SEE FIGURE 1 FOR A DETAILED TYPICAL OPERATING CIRCUIT WITHOUT RSENSE.
TYPICAL OPERATION WITHOUT RSENSE
General Description
The MAX5924/MAX5925/MAX5926 1V to 13.2V hot-swap
controllers allow the safe insertion and removal of circuit
cards into live backplanes. These devices hot swap sup-
plies ranging from 1V to 13.2V provided that the device
supply voltage, VCC, is at or above 2.25V and the hot-
swapped supply, VS, does not exceed VCC.
The MAX5924/MAX5925/MAX5926 hot-swap controllers
limit the inrush current to the load and provide a circuit-
breaker function for overcurrent protection. The devices
operate with or without a sense resistor. When operat-
ing without a sense resistor, load-probing circuitry
ensures a short circuit is not present during startup,
then gradually turns on the external MOSFET. After the
load probing is complete, on-chip comparators provide
overcurrent protection by monitoring the voltage drop
across the external MOSFET on-resistance. In the event
of a fault condition, the load is disconnected.
The MAX5924/MAX5925/MAX5926 include many inte-
grated features that reduce component count and
design time, including configurable turn-on voltage,
slew rate, and circuit-breaker threshold. An on-board
charge pump provides the gate drive for a low-cost,
external n-channel MOSFET.
The MAX5924/MAX5925/MAX5926 are available with
open-drain PGOOD and/or PGOOD outputs. The
MAX5925/MAX5926 also feature a circuit breaker with
temperature-compensated RDS(ON) sensing. The
MAX5926 features a selectable 0ppm/°C or 3300ppm/°C
temperature coefficient. The MAX5924 temperature coef-
ficient is 0ppm/°C and the MAX5925 temperature coeffi-
cient is 3300ppm/°C. Autoretry and latched fault-
management configurations are available (see the
Selector Guide).
Applications
Base Stations
RAID
Remote-Access Servers
Network Routers and Switches
Servers
Portable Device Bays
Features
o Hot Swap 1V to 13.2V with VCC ≥ 2.25V
o Drive High-Side n-Channel MOSFET
o Operation With or Without RSENSE
o Temperature-Compensated RDS(ON) Sensing
o Protected During Turn-On into Shorted Load
o Adjustable Circuit-Breaker Threshold
o Programmable Slew-Rate Control
o Programmable Turn-On Voltage
o Autoretry or Latched Fault Management
o 10-Pin µMAX® or 16-Pin QSOP Packages
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuits
Ordering Information
EVALUATION
KIT
AVAILABLE
Selector Guide appears at end of data sheet.
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX5924AEUB
-40°C to +85°C
10 µMAX
MAX5924BEUB
-40°C to +85°C
10 µMAX
MAX5924CEUB*
-40°C to +85°C
10 µMAX
MAX5924DEUB*
-40°C to +85°C
10 µMAX
MAX5925AEUB
-40°C to +85°C
10 µMAX
MAX5925BEUB*
-40°C to +85°C
10 µMAX
MAX5925CEUB*
-40°C to +85°C
10 µMAX
MAX5925DEUB*
-40°C to +85°C
10 µMAX
MAX5926EEE
-40°C to +85°C
16 QSOP–EP**
Typical Operating Circuits continued at end of data sheet.
*
Future product—contact factory for availability.
**
EP = Exposed pad.
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX5924BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924BEUB MAXIM-MAX5924BEUB Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924BEUB MAXIM-MAX5924BEUB Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924BEUB MAXIM-MAX5924BEUB Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results

Similar Description - MAX5924BEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_06 Datasheet
382Kb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 2; 10/06
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com