Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPU43-5R6M Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TPU43-5R6M
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU43-5R6M Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button TPU43-5R6M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TPU43-5R6M Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
07 of 16
TPU43 SMT Power Inductors
Version 2010
(TPU43) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(Hz)
DCR (Ω)(max)
IDC (A)(max)
TPU43 - 1R0M
1.00
7.96 M
0.033
3.80
TPU43 - 1R4M
1.40
7.96 M
0.038
3.30
TPU43 - 1R8M
1.80
7.96 M
0.042
2.91
TPU43 - 2R2M
2.20
7.96 M
0.047
2.60
TPU43 - 2R7M
2.70
7.96 M
0.052
2.43
TPU43 - 3R3M
3.30
7.96 M
0.058
2.15
TPU43 - 3R9M
3.90
7.96 M
0.076
1.98
TPU43 - 4R7M
4.70
7.96 M
0.094
1.70
TPU43 - 5R6M
5.60
7.96 M
0.101
1.60
TPU43 - 6R8M
6.80
7.96 M
0.117
1.41
TPU43 - 8R2M
8.20
7.96 M
0.132
1.26
TPU43 - 100K
10.00
2.52 M
0.182
1.15
TPU43 - 120K
12.00
2.52 M
0.210
1.05
TPU43 - 150K
15.00
2.52 M
0.235
0.92
TPU43 - 180K
18.00
2.52 M
0.338
0.84
TPU43 - 220K
22.00
2.52 M
0.378
0.76
TPU43 - 270K
27.00
2.52 M
0.522
0.71
TPU43 - 330K
33.00
2.52 M
0.540
0.64
TPU43 - 390K
39.00
2.52 M
0.587
0.59
TPU43 - 470K
47.00
2.52 M
0.844
0.54
TPU43 - 560K
56.00
2.52 M
0.937
0.50
TPU43 - 680K
68.00
2.52 M
1.117
0.46
TPU43 - 820K
82.00
1 K
1.345
0.45
TPU43 - 101K
100.00
1 K
1.520
0.44
TPU43 - 121K
120.00
1 K
1.800
0.43
TPU43 - 151K
150.00
1 K
2.000
0.42
TPU43 - 181K
180.00
1 K
3.200
0.38
TPU43 - 221K
220.00
1 K
3.400
0.36
TPU43 - 271K
270.00
1 K
3.900
0.34
TPU43 - 331K
330.00
1 K
5.300
0.28
TPU43 - 391K
390.00
1 K
5.900
0.24
TPU43 - 471K
470.00
1 K
6.800
0.21
TPU43 - 561K
560.00
1 K
8.500
0.20
TPU43 - 681K
680.00
1 K
10.000
0.18
TPU43 - 821K
820.00
1 K
13.400
0.15
TPU43 - 102K
1000.00
1 K
15.600
0.14
Note: 820 ~ 102 Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C.
Inductance Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU43-5R6M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU1608DF TOKEN-TPU1608DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-100M TOKEN-TPU1608DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-101M TOKEN-TPU1608DF-101M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-102M TOKEN-TPU1608DF-102M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU1608DF-150M TOKEN-TPU1608DF-150M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPU43-5R6M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com