Electronic Components Datasheet Search |
|
X28HC256KMB-12 Datasheet(PDF) 2 Page - Xicor Inc. |
|
X28HC256KMB-12 Datasheet(HTML) 2 Page - Xicor Inc. |
2 / 24 page X28HC256 2 PIN DESCRIPTIONS Addresses (A0–A14) The Address inputs select an 8-bit memory location during a read or write operation. Chip Enable ( CE) The Chip Enable input must be LOW to enable all read/ write operations. When CE is HIGH, power consumption is reduced. Output Enable ( OE) The Output Enable input controls the data output buffers and is used to initiate read operations. Data In/Data Out (I/O0–I/O7) Data is written to or read from the X28HC256 through the I/O pins. Write Enable ( WE) The Write Enable input controls the writing of data to the X28HC256. 3859 FHD F01 FUNCTIONAL DIAGRAM PIN NAMES Symbol Description A0–A14 Address Inputs I/O0–I/O7 Data Input/Output WE Write Enable CE Chip Enable OE Output Enable VCC +5V VSS Ground NC No Connect 3859 PGM T01 11 I/O0 10 A0 14 VSS 9 A1 8 A2 7 A3 6 A4 5 A5 2 A12 28 VCC 12 I/O1 13 I/O2 15 I/O3 4 A6 3 A7 1 16 I/O4 20 CE 22 OE 24 A9 17 I/O5 27 WE 19 I/O7 21 A10 23 A11 25 A8 18 I/O6 26 A13 X28HC256 (BOTTOM VIEW) A14 PGA PIN CONFIGURATION 3859 FHD F04 X BUFFERS LATCHES AND DECODER I/O BUFFERS AND LATCHES 3859 FHD F01 Y BUFFERS LATCHES AND DECODER CONTROL LOGIC AND TIMING 256K-BIT E2PROM ARRAY I/O0–I/O7 DATA INPUTS/OUTPUTS CE OE VCC VSS A0–A14 ADDRESS INPUTS WE |
Similar Part No. - X28HC256KMB-12 |
|
Similar Description - X28HC256KMB-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |