Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12C887+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS12C887+
Description  Real-Time Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12C887+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS12C887+ Datasheet HTML 5Page - Maxim Integrated Products DS12C887+ Datasheet HTML 6Page - Maxim Integrated Products DS12C887+ Datasheet HTML 7Page - Maxim Integrated Products DS12C887+ Datasheet HTML 8Page - Maxim Integrated Products DS12C887+ Datasheet HTML 9Page - Maxim Integrated Products DS12C887+ Datasheet HTML 10Page - Maxim Integrated Products DS12C887+ Datasheet HTML 11Page - Maxim Integrated Products DS12C887+ Datasheet HTML 12Page - Maxim Integrated Products DS12C887+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Pin Description (continued)
PIN
SO,
PDIP
EDIP
PLCC
TQFP
NAME
FUNCTION
22
2, 3,
16, 20,
21, 22
1, 11,
13, 18,
26
4, 6, 10,
15, 20,
23, 25,
27, 32
N.C.
No Connection. This pin should remain unconnected. Pin 21 is RCLR for the
DS12887A/DS12C887A. On the EDIP, these pins are missing by design.
17
17
21
18
DS
Data Strobe or Read Input. The DS pin has two modes of operation depending on
the level of the MOT pin. When the MOT pin is connected to VCC, Motorola bus
timing is selected. In this mode, DS is a positive pulse during the latter portion of the
bus cycle and is called data strobe. During read cycles, DS signifies the time that the
device is to drive the bidirectional bus. In write cycles, the trailing edge of DS causes
the device to latch the written data. When the MOT pin is connected to GND, Intel
bus timing is selected. DS identifies the time period when the device drives the bus
with read data. In this mode, the DS pin operates in a similar fashion as the output-
enable (OE) signal on a generic RAM.
18
18
22
19
RESET
Active-Low Reset Input. The RESET pin has no effect on the clock, calendar, or
RAM. On power-up, the RESET pin can be held low for a time to allow the power
supply to stabilize. The amount of time that RESET is held low is dependent on the
application. However, if RESET is used on power-up, the time RESET is low should
exceed 200ms to ensure that the internal timer that controls the device on power-
up has timed out. When RESET is low and VCC is above VPF, the following occurs:
A. Periodic interrupt-enable (PIE) bit is cleared to 0.
B. Alarm interrupt-enable (AIE) bit is cleared to 0.
C. Update-ended interrupt-enable (UIE) bit is cleared to 0.
D. Periodic-interrupt flag (PF) bit is cleared to 0.
E. Alarm-interrupt flag (AF) bit is cleared to 0.
F. Update-ended interrupt flag (UF) bit is cleared to 0.
G. Interrupt-request status flag (IRQF) bit is cleared to 0.
H. IRQ pin is in the high-impedance state.
I. The device is not accessible until RESET is returned high.
J. Square-wave output-enable (SQWE) bit is cleared to 0.
In a typical application, RESET can be connected to VCC. This connection allows
the device to go in and out of power fail without affecting any of the control
registers.
Real-Time Clocks
_____________________________________________________________________
9


Similar Part No. - DS12C887+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12C887++ MAXIM-DS12C887+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
More results

Similar Description - DS12C887+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com