Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14514ETD+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14514ETD+
Description  Dual Electroluminescent Lamp Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14514ETD+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14514ETD+ Datasheet HTML 3Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 4Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 5Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 6Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 7Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 8Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 9Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 10Page - Maxim Integrated Products MAX14514ETD+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Dual Electroluminescent Lamp Driver
_______________________________________________________________________________________
7
BOOST CONVERTER FREQUENCY vs. CSW
CSW (pF)
130
180
20
60
100
40
80
120
140
0
80
BOOST CONVERTER FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
4.1
4.8
112
116
120
122
126
114
118
124
128
130
110
2.7
5.5
BOOST CONVERTER FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
35
60
-15
10
112
116
120
122
126
114
118
124
128
130
110
-40
85
OUTPUT VOLTAGE SLOPE vs. RSLEW
RSLEW (k
Ω)
500
700
400
800
900
600
10
20
25
30
40
15
35
45
5
300
1000
OUTPUT VOLTAGE SLOPE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.4
4.1
4.8
28
30
32
34
36
26
29
31
33
35
27
2.7
5.5
OUTPUT VOLTAGE SLOPE
vs. TEMPERATURE
TEMPERATURE (
°C)
35
60
-15
10
28
30
32
34
36
26
29
31
33
35
27
-40
85
SLOW TURN-ON/TURN-OFF TIME vs. CCAP
CCAP (nF)
68
24
0.2
0.4
0.6
0.8
1
0
0.3
0.5
0.7
0.9
0.1
010
VDD = 5.5V
DIM1 = 0V to VDD
DIM2 = GND
NORMALIZED BRIGHTNESS LEVEL
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE
3.4
4.1
4.8
0.4
0.8
1.2
1.6
2
0
0.6
1
1.4
1.8
0.2
2.7
5.5
TYPICAL V_, VCOM, AND
V_ - VCOM WAVEFORMS
MAX14514 toc24
V_ - VCOM
50V/div
V_, VCOM
25V/div
1ms/div
Typical Operating Characteristics (continued)
(VDD = +3.6V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX14514ETD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14510EEVB++ MAXIM-MAX14510EEVB+ Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 MAX14511EEVB+* ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com