Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9830AETA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9830AETA+
Description  Mono 2W Class D Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9830AETA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9830AETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX9830AETA+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applications Information
Filterless Class D Operation
Traditional Class D amplifiers require an output filter.
The filter adds cost, size, and decreases efficiency and
THD+N performance. The MAX9830’s filterless modula-
tion scheme does not require an output filter.
Because the switching frequency of the MAX9830 is
well beyond the bandwidth of most speakers, voice coil
movement at the switching frequency is very small. Use
a speaker with a series inductance > 10µH. Typical 8
speakers exhibit series inductances in the 20µH to
100µH range.
Component Selection
Optional Ferrite Bead Filter
Although not normally needed, in applications where
speaker leads exceed 24in at VPVDD = 3V, use a filter
constructed from an inexpensive ferrite bead and a
small-value capacitor to ground (Figure 2) to provide
additional EMI suppression. Use a ferrite bead with low
DC resistance, high frequency (
≥ 1MHz) impedance of
100
Ω to 600Ω, and rated for at least 1A. The capacitor
value varies based on the ferrite bead chosen and the
actual speaker lead length. Select the capacitor value
based on EMI performance.
Speaker Amplifier Power Supply Input (PVDD)
PVDD powers the speaker amplifier. PVDD ranges from
2.6V to 5.5V. Bypass PVDD with a 0.1µF capacitor to
PGND. Apply additional bulk capacitance at the device
if long input traces between PVDD and the power
source are used. Ensure a rate of voltage rise at PVDD
is limited to 1V/µs.
Input Filtering
The input-coupling capacitor (CIN), in conjunction with
the amplifier’s internal input resistance (RIN), forms a
highpass filter that removes the DC bias from the
incoming signal. These capacitors allow the amplifier to
bias the signal to an optimum DC level. Select 0.47µF
capacitors for optimum click-and-pop performance and
17Hz f-3dB.
If a different f-3dB is required, CIN, assuming zero-
source-impedance, is:
Use capacitors with adequately low voltage-coefficient
for best low-frequency THD performance.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Good grounding improves audio perfor-
mance and prevents switching noise from coupling into
the audio signal.
Use wide, low-resistance output traces. As load imped-
ance decreases, the current drawn from the device out-
puts increase. At higher current, the resistance of the
output traces decrease the power delivered to the load.
For example, if 2W is delivered from the speaker output
to a 4
Ω load through a 100mΩ trace, 49mW is con-
sumed in the trace. If power is delivered through a
10m
Ω trace, only 5mW is consumed in the trace. Wide
output, supply and ground traces also improve the
power dissipation of the device.
The MAX9830 is inherently designed for excellent RF
immunity. For best performance, add ground fills
around all signal traces on top and bottom PCB planes.
The MAX9830 TDFN package features an exposed
thermal pad on its underside. This pad lowers the pack-
age’s thermal resistance by providing a heat conduc-
tion path from the die to the PCB. Connect the exposed
thermal pad to the ground plane by using a large pad
and multiple vias.
Chip Information
PROCESS: CMOS
C
f
µF
IN
dB
=
8
3
[]
-
Mono 2W Class D Amplifier
8
_______________________________________________________________________________________
MAX9830
OUT+
OUT-
Figure 2. Optional Ferrite Bead Filter


Similar Part No. - MAX9830AETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9830AETA++ MAXIM-MAX9830AETA+ Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
More results

Similar Description - MAX9830AETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
   Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
logo
STMicroelectronics
TDA7267 STMICROELECTRONICS-TDA7267 Datasheet
51Kb / 5P
   2W MONO AMPLIFIER
TDA7299 STMICROELECTRONICS-TDA7299 Datasheet
93Kb / 7P
   SOUND 2W MONO AMPLIFIER
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com