Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS12C887A+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS12C887A+
Description  Real-Time Clocks
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12C887A+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS12C887A+ Datasheet HTML 3Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 4Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 5Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 6Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 7Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 8Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 9Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 10Page - Maxim Integrated Products DS12C887A+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Real-Time Clocks
_____________________________________________________________________
7
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
OSCILLATOR FREQUENCY
vs. VCC
VCC (V)
5.3
5.0
4.8
32768.10
32768.20
32768.30
32768.40
32768.50
32768.60
32768.70
32768.00
4.5
5.5
IBAT1 vs. VBAT
vs. TEMPERATURE
VBAT (V)
3.8
2.8
3.0
3.3
3.5
200
300
250
150
2.5
4.0
VCC = 0V
+85
°C
+25
°C
0
°C
-40
°C
+70
°C
+40
°C
POWER
CONTROL
GND
OSC
BUS
INTERFACE
VCC
X1
X2
RESET
CS
DS
AS
R/W
MOT
AD0–AD7
DIVIDE
BY 8
DIVIDE
BY 64
DIVIDE
BY 64
16:1 MUX
SQUARE-
WAVE
GENERATOR
REGISTERS A, B, C, D
CLOCK/CALENDAR AND
ALARM REGISTERS
USER RAM
114 BYTES
CLOCK/CALENDAR
UPDATE LOGIC
IRQ
SQW
IRQ
GENERATOR
BUFFERED CLOCK/
CALENDAR AND ALARM
REGISTERS
VBAT
RLCR
DS12885
Functional Diagram


Similar Part No. - DS12C887A+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS12C887A++ MAXIM-DS12C887A+ Datasheet
361Kb / 22P
   Real-Time Clock
Rev 3; 2/07
More results

Similar Description - DS12C887A+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
   Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
   Clock drivers for Real Time Clocks
12.27.11
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
   Serial real-time clocks with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com