Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19994A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19994A
Description  Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19994A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19994A Datasheet HTML 1Page - Maxim Integrated Products MAX19994A Datasheet HTML 2Page - Maxim Integrated Products MAX19994A Datasheet HTML 3Page - Maxim Integrated Products MAX19994A Datasheet HTML 4Page - Maxim Integrated Products MAX19994A Datasheet HTML 5Page - Maxim Integrated Products MAX19994A Datasheet HTML 6Page - Maxim Integrated Products MAX19994A Datasheet HTML 7Page - Maxim Integrated Products MAX19994A Datasheet HTML 8Page - Maxim Integrated Products MAX19994A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz
Downconversion Mixer with LO
Buffer/Switch
5
3.3V SUPPLY, HIGH-SIDE INJECTION AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit optimized for the Standard RF Band (see Table 1). R1 = R4 = 681I, R2 = R5 = 1.43kI. Typical
values are at VCC = 3.3V, PRF = -5dBm, PLO = 0dBm, fRF = 1450MHz, fLO = 1800MHz, fIF = 350MHz, TC = +25NC, unless otherwise
noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
(Note 7)
8.2
dB
Conversion Gain Flatness
D
GC
fRF = 1427MHz to 1463MHz
±0.05
dB
Gain Variation Over Temperature
TCCG
TC = -40NC to +85NC
-0.01
dB/NC
Input Compression Point
IP1dB
(Note 8)
10.6
dBm
Input Third-Order Intercept Point
IIP3
fRF1 - fRF2 = 1MHz
23.6
dBm
Input Third-Order Intercept Point
Variation Over Temperature
TCIIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone,
TC = -40NC to +85NC
±0.5
dBm
Noise Figure
NFSSB
Single sideband, no blockers present
9.8
dB
Noise Figure Temperature Coefficient
TCNF
Single sideband, no blockers present,
TC = -40NC to +85NC
0.016
dB/NC
2LO - 2RF Spur Rejection
2 x 2
PRF = -10dBm
68
dBc
PRF = -5dBm
63
3LO - 3RF Spur Rejection
3 x 3
PRF = -10dBm
77
dBc
PRF = -5dBm
67
RF Input Return Loss
LO and IF terminated into matched
impedance, LO “on”
15
dB
LO Input Return Loss
LO port selected, RF and IF terminated into
matched impedance
18
dB
LO port unselected, RF and IF terminated
into matched impedance
21
IF Output Return Loss
RF terminated into 50I, LO driven by
50I source, IF transformed to 50I using
external components shown in the Typical
Application Circuit
12.5
dB
RF-to-IF Isolation
31
dB
LO Leakage at RF Port
-49
dBm
2LO Leakage at RF Port
-40
dBm
LO Leakage at IF Port
-35
dBm
Channel Isolation
RFMAIN converted power measured at
IFDIV relative to IFMAIN, all unused ports
terminated to 50I
48
dB
RFDIV converted power measured at
IFMAIN relative to IFDIV, all unused ports
terminated to 50I
48
LO-to-LO Isolation
PLO1 = +3dBm, PLO2 = +3dBm,
fLO1 = 1800MHz, fLO2 = 1801MHz
50
dB
LO Switching Time
50% of LOSEL to IF settled within 2 degrees
50
ns


Similar Part No. - MAX19994A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX++ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results

Similar Description - MAX19994A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com