Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX97001 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX97001
Description  Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97001 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX97001 Datasheet HTML 2Page - Maxim Integrated Products MAX97001 Datasheet HTML 3Page - Maxim Integrated Products MAX97001 Datasheet HTML 4Page - Maxim Integrated Products MAX97001 Datasheet HTML 5Page - Maxim Integrated Products MAX97001 Datasheet HTML 6Page - Maxim Integrated Products MAX97001 Datasheet HTML 7Page - Maxim Integrated Products MAX97001 Datasheet HTML 8Page - Maxim Integrated Products MAX97001 Datasheet HTML 9Page - Maxim Integrated Products MAX97001 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Audio Subsystem with Mono Class D Speaker
and Class H Headphone Amplifiers
6
ELECTRICAL_CHARACTERISTICS_(continued)
(VDD = 1.8V, VPVDD = 3.7V, VGND = 0V. Input signal applied at INA configured single-ended, preamp gain = 0dB, HPLVOL =
HPRVOL = SPKVOL = 0dB, speaker loads (ZSPK) connected between OUTP and OUTN. Headphone loads (RHP) connected from
HPL or HPR to GND. SDA and SCL pullup voltage = 1.8V. ZSPK = J, RHP = J. CC1P-C1N = CHPVDD = CHPVSS = CBIAS = 1FF.
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Resistance
RF
TA = +25NC, external gain
19
20
21
kI
Maximum Input Signal Swing
Preamp = 0dB
2.3
VP-P
Preamp = +18dB
0.29
Preamp = external gain
2.3 x
RINEX/RF
Common-Mode Rejection
Ratio
CMRR
f = 1kHz (differential input mode),
gain = 0dB
55
dB
f = 1kHz (differential input mode),
gain = 18dB
32
Input DC Voltage
IN__ inputs
1.125
1.2
1.275
V
Bias Voltage
VBIAS
1.13
1.2
1.27
V
SPEAKER_AMPLIFIER
Output Offset Voltage
VOS
TA = +25NC, SPKM = 1
Q
0.5
Q
4
mV
TA = +25NC, SPKMIX = 0x01, IN_DIFF = 0
Q
1.5
Click-and-Pop Level
KCP
Peak voltage, TA =
+25NC, A-weighted, 32
samples per second,
volume at mute
(Note 2)
Into shutdown
-70
dBV
Out of shutdown
-70
Power-Supply Rejection
Ratio (Note 2)
PSRR
TA = +25NC
VPVDD = 2.7V to
5.5V
50
77
dB
f = 217Hz,
200mVP-P ripple
73
f = 1kHz,
200mVP-P ripple
73
f = 20kHz,
200mVP-P ripple
57
Output Power (Note 3)
THD+N P 1%,
f = 1kHz,
ZSPK = 8I + 68FH
VPVDD = 4.2V
920
mW
VPVDD = 3.7V
700
VPVDD = 3.3V
550
Total Harmonic Distortion
Plus Noise
THD+N
f = 1kHz, POUT = 360mW, TA = +25NC,
RSPK = 8I
0.05
0.6
%
Signal-to-Noise Ratio
SNR
A-weighted,
SPKMIX = 0x03,
referenced to 700mW
IN_DIFF = 0
(single-ended)
96
dB
IN_DIFF = 1
(differential)
96
Oscillator Frequency
fOSC
250
kHz
Spread-Spectrum Bandwidth
Q
20
kHz
Gain
11.5
12
12.5
dB
Current Limit
1.5
A


Similar Part No. - MAX97001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97001 MAXIM-MAX97001 Datasheet
1Mb / 12P
   MAX97001 Evaluation Kit
19-5082; Rev 0; 12/09
MAX97001EVKIT MAXIM-MAX97001EVKIT Datasheet
1Mb / 12P
   MAX97001 Evaluation Kit
19-5082; Rev 0; 12/09
MAX97001EVKIT++ MAXIM-MAX97001EVKIT+ Datasheet
1Mb / 12P
   MAX97001 Evaluation Kit
19-5082; Rev 0; 12/09
More results

Similar Description - MAX97001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com