Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPU52-181K Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TPU52-181K
Description  TPUA SMT Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TPU52-181K Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TPU52-181K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TPU52-181K Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
08 of 16
TPU52 SMT Power Inductors
Version 2010
(TPU52) Electrical Characteristics
Part Number
Inductance(µH)
Test Freq.(KHz)
DCR (Ω)(max)
IDC (A)(max)
TPU52 - 1R2M
1.20
100
0.050
4.20
TPU52 - 1R5M
1.50
100
0.060
4.00
TPU52 - 1R8M
1.80
100
0.065
3.70
TPU52 - 2R2M
2.20
100
0.070
3.50
TPU52 - 2R7M
2.70
100
0.080
3.20
TPU52 - 3R3M
3.30
100
0.100
2.70
TPU52 - 3R9M
3.90
100
0.120
2.40
TPU52 - 4R7M
4.70
100
0.140
2.00
TPU52 - 5R6M
5.60
100
0.150
1.80
TPU52 - 6R8M
6.80
100
0.160
1.50
TPU52 - 8R2M
8.20
100
0.170
1.40
TPU52 - 100K
10.00
100
0.200
1.30
TPU52 - 120K
12.00
100
0.230
1.10
TPU52 - 150K
15.00
100
0.250
1.05
TPU52 - 180K
18.00
100
0.300
1.00
TPU52 - 220K
22.00
100
0.350
0.90
TPU52 - 270K
27.00
100
0.400
0.85
TPU52 - 330K
33.00
100
0.500
0.75
TPU52 - 390K
39.00
100
0.550
0.70
TPU52 - 470K
47.00
100
0.650
0.60
TPU52 - 560K
56.00
100
0.750
0.55
TPU52 - 680K
68.00
100
0.950
0.50
TPU52 - 820K
82.00
100
1.200
0.45
TPU52 - 101K
100.00
100
1.400
0.40
TPU52 - 121K
120.00
100
1.750
0.35
TPU52 - 151K
150.00
100
2.000
0.25
TPU52 - 181K
180.00
100
2.600
0.22
TPU52 - 221K
220.00
100
3.000
0.20
TPU52 - 271K
270.00
100
3.700
0.18
TPU52 - 331K
330.00
100
4.300
0.17
TPU52 - 391K
390.00
100
6.000
0.16
TPU52 - 471K
470.00
100
6.700
0.15
Note: Test Freq.: 100KHz / 0.1V.
Operating Temp.: -40°C ~ +85°C.
Inductance Drop=10% typ. at IDC.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - TPU52-181K

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TPU5022DF TOKEN-TPU5022DF Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-100M TOKEN-TPU5022DF-100M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-101M TOKEN-TPU5022DF-101M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-102M TOKEN-TPU5022DF-102M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
TPU5022DF-150M TOKEN-TPU5022DF-150M Datasheet
410Kb / 5P
   TPUDF Wire Wound Power Inductors
More results

Similar Description - TPU52-181K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com