Electronic Components Datasheet Search |
|
RJM74P10KDC5P Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
RJM74P10KDC5P Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 3 page 02 of 03 RJM Metal Film Precision Melf Resistors Dimensions & Recommended Soldering Bath Dimensions Characteristics L D1 D K L1 W S H Type RJM72P RJM73S RJM73P RJM74S RJM74P RJM16M RJM17M RJM18M Metric type DIN: 0102 DIN: 0204 DIN: 0207 DIN: 0411 Dimension (mm) L(±0.3) 2.2 3.5 5.7 6.0 8.7 11.8 L1(±0.3) 1.0 1.6 2.9 3.3 4.9 8.1 D(±0.3) 1.3 1.3 2.1 2.1 3.1 3.6 K(±0.2) 0.4 0.8 1.3 1.3 1.8 1.8 D1(±0.1) D+0/D-0.15 D+0/D-0.25 D+0/D-0.5 D+0/D-0.5 D+0/D-0.5 D+0/D-0.5 Soldering bath (recommended) (mm) S 1.0 1.6 2.6 2.8 5.6 8.2 W 2.0 2.5 2.5 2.8 3.2 4.0 H 2.0 2.5 2.5 2.8 3.8 4.5 Type RJM72P RJM73S RJM73P RJM74S RJM74P RJM16M RJM17M RJM18M Metric type DIN: 0102 DIN: 0204 DIN: 0207 DIN: 0411 Rated dissipation P 70 0.125W 0.125W 0.25W 0.25W 0.50W 1.0W 2.0W 3.0W Resistance range (Ω) 10 ~ 1M 0.1 ~ 10M 0.1 ~ 22M 0.1 ~ 22M Resistance tolerance (%) J ( ±5 ); F ( ±1 ); D ( ±0.5 ); C ( ±0.25 ); B ( ±0.10 ); A5 ( ±0.05 ) Temperature coefficient(ppm/°C) C2 ( ±50 ); C3 ( ±25 ); C5( ±15 ); C6 ( ±10 ); C7 ( ±5 ) Climatic category(LCT/UCT/days) 55 / 125 / 56 Operating voltage Umax 200V 200V 250V 250V 300V 350V 400V 450V Temperature range -55°C to 125°C Insulation voltage (V) 300 300 300 300 600 700 800 900 Insulation resistance >1GΩ Notice: Resistance out of range, tolerance and temperature coefficient match are under request. RJM72 is still in trial production. Version 2010 http://www.token.com.tw/ rfq token.com.tw TOKEN |
Similar Part No. - RJM74P10KDC5P |
|
Similar Description - RJM74P10KDC5P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |