Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRAN600W1RJZ Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # DRAN600W1RJZ
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRAN600W1RJZ Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

  DRAN600W1RJZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 of 09
Specifications
Test Item
Test Methods
Characterstics
Resistance tolerance
JIS-C-5202 5-1
Resistance
Nominal
Tolerance
1≤R
1>R
±5%(J) ±10%(K)
Temperature coefficient JIS-C-5202 5-2
±200PPM/°C MAX
Load rating
JIS-C-5202 5-4
ΔR/R≤±(0.5%+0.1Ω) Surface temperature
up 350°C MAX
Short-term overload
JIS-C-5202 5-5
1000% rated wattage 5 seconds
Free of appearance or structural irregularity
ΔR/R≤ ±(2%+0.1Ω)
Insulation resistance
JIS-C-5202 5-6 500VDC
100MΩ min
Dielectric withstanding
voltage
JIS-C-5202 5-7
1000VDC 1 minute Between terminal and
anchor stand
Free of appearance or structural irregularity
ΔR/R≤ ±(0.1%+0.05Ω)
Terminal strength
JIS-C-5202 6-1 8kg 30 seconds
Free of appearance or structural irregularity
Vibration
JIS-C-5202 6-3
1.5m/m 10 ~ 50 ~ 10 Hz/min X-Y-Z
2 hours each
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(1%+0.05Ω)
Thermal shock
JIS-C-5202 7-3
Room temp 30 minutes ON-55°C
15 minutes OFF
Free of structural irregularity
ΔR/R≤ ±(2%+0.1Ω)
Humidity
JIS-C-5202 7-5
40°C 90%RH 240 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(3%+0.1Ω)
Load life
JIS-C-5202 7-10
90 minutes ON - 30 minutes OFF 500 hours
Free of appearance or structural irregularity
Surface coating crack ΔR/R≤ ±(1%+0.05Ω)
Flame retardation
JIS-C-5202 7-13-3-2
100% - 600% rated wattage load
US UL-94 flame retardation test V-0 grade
noncombustible
REMARKS:
1. Resistance and resistance tolerance were tested in-house with micro resistance meter.
2. Coating refers to UL-certified data provided by supplier.
DRN Power Non-Inductive Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRAN600W1RJZ

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A** CHINFA-DRAN60-12A* Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-24A CHINFA-DRAN60-24A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-24A** CHINFA-DRAN60-24A* Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-48A CHINFA-DRAN60-48A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRAN600W1RJZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com