Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRAN600W1RJZ Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # DRAN600W1RJZ
Description  DR Round-Wirewound Power Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DRAN600W1RJZ Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  DRAN600W1RJZ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. DRAN600W1RJZ Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
04of 09
How to Order
DRA
600W
Part Number: DRA
DRB
DRAN
DRBN
100R
J
Rated Power (W): 10W~1300W
15W~20000W
50W~1300W
15W~20000W
Resistance Value (Ω):
Resistance Tolerance (%)
Code
Resistance Tolerance
J
±5%
K
±10%
G
Code
Resistance Value
0R1
0.1Ω
1R
10R
10Ω
100R
100Ω
1K
1KΩ
10K
10KΩ
100K
100KΩ
Assembly Method
Code
Assembly Method
N
No mount.
C
Clip mount.
G
Horizontal mount.
Z
Vertical mount.
Version 2010
DR Round-Wirewound Power Resistors
Back to 1st Page - Round-Wirewound Power Resistors (DR)
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - DRAN600W1RJZ

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRAN60-12A CHINFA-DRAN60-12A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-12A** CHINFA-DRAN60-12A* Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-24A CHINFA-DRAN60-24A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
DRAN60-24A** CHINFA-DRAN60-24A* Datasheet
294Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRAN60-48A CHINFA-DRAN60-48A Datasheet
353Kb / 4P
   AC - DC DIN RAIL MOUNTABLE 60W INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRAN600W1RJZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
   POWER WIREWOUND RESISTORS
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
   Vitreous Wirewound Power Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
   Mount Wirewound Resistors Mount Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
KNP WILLOW-KNP Datasheet
157Kb / 2P
   WIREWOUND RESISTORS
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
   Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
   Wirewound Resistors
Revision: 30-Mar-12
logo
Riedon Powertron
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
   Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com